Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F160ASJ Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F160ASJ
Description  Synchronous Presettable BCD Decade Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F160ASJ Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F160ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74F160ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74F160ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74F160ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74F160ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74F160ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74F160ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74F160ASJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Logic Symbols
74F160A
IEEE/IEC
74F160A
74F162A
74F162A
Unit Loading/Fan Out
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
CEP
Count Enable Parallel Input
1.0/1.0
20
µA/−0.6 mA
CET
Count Enable Trickle Input
1.0/2.0
20
µA/−1.2 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
MR (74F160A) Asynchronous Master Reset Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
SR (74F162A) Synchronous Reset Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
P0–P3
Parallel Data Inputs
1.0/1.0
20
µA/−0.6 mA
PE
Parallel Enable Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
Q0–Q3
Flip-Flop Outputs
50/33.3
−1 mA/20 mA
TC
Terminal Count Output
50/33.3
−1 mA/20 mA


Numéro de pièce similaire - 74F160ASJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F1604 PHILIPS-74F1604 Datasheet
92Kb / 10P
   Latch
1990 Oct 04
More results

Description similaire - 74F160ASJ

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com