Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F1071MTC Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F1071MTC
Description  18-Bit Undershoot/Overshoot Clamp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F1071MTC Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F1071MTC Datasheet HTML 1Page - Fairchild Semiconductor 74F1071MTC Datasheet HTML 2Page - Fairchild Semiconductor 74F1071MTC Datasheet HTML 3Page - Fairchild Semiconductor 74F1071MTC Datasheet HTML 4Page - Fairchild Semiconductor 74F1071MTC Datasheet HTML 5Page - Fairchild Semiconductor 74F1071MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Voltage ratings may be exceeded if current ratings and junction
temperature and power consumption ratings are not exceeded.
Note 3: ESD Rating for Direct contact discharge using ESD Simulation
Tester. Higher rating may be realized in the actual application.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−65°C to +125°C
Junction Temperature under Bias
−65°C to +150°C
Input Voltage (Note 2)
−0.5V to +6V
Input Current (Note 2)
−200 mA to +50 mA
ESD (Note 3)
Human Body Model
(MIL-STD-883D method 3015.7)
±10 kV
IEC 801-2
±6 kV
Machine Model (EIAJIC-121-1981)
±2 kV
DC Latchup Source Current
(JEDEC Method 17)
±500 mA
Package Power Dissipation @
+70°C
SOIC Package
800 mW
Free Air Ambient Temperature
0
°C to +70°C
Reverse Bias Voltage
0V to 5.25 VDC
Thermal Resistance (
θ
JA in Free Air)
SOIC Package
100
°C/W
SSOP Package
110
°C/W
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
Conditions
Min
Typ
Max
Min
Max
IIH
Input HIGH Current
1.5
10
50
µA
VIN = 5.25V; Untested Input @ GND
320
100
VIN = 5.5V; Untested Input @ GND
VZ
Reverse Voltage
6.6
6.9
7.2
5.9
7.7
V
IZ = 1 mA; Untested Inputs @ GND
7.1
7.5
8.0
IZ = 50 mA; Untested Inputs @ GND
VF
Forward Voltage
−0.3
−0.6
−0.9
−0.3
−0.9
V
IF = −18 mA; Untested Inputs @ 5V
−0.5
−1.1
−1.5
−0.5
−1.5
IF = −200 mA; Untested Inputs @ 5V
ICT
Adjacent Input Crosstalk
3
%
CIN
Input Capacitance
25
pF
VBIAS = 0 VDC
(small signal @ 1 MHz)
13
VBIAS = 5 VDC


Numéro de pièce similaire - 74F1071MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74F1071MTC FAIRCHILD-74F1071MTC Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
74F1071MTCX_NL FAIRCHILD-74F1071MTCX_NL Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
More results

Description similaire - 74F1071MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74F1071 FAIRCHILD-74F1071_05 Datasheet
99Kb / 6P
   18-Bit Undershoot/Overshoot Clamp and ESD Protection Device
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Texas Instruments
TS5A623157 TI1-TS5A623157_14 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
TS5A623157 TI-TS5A623157 Datasheet
738Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH WITH UNDERSHOOT/OVERSHOOT VOLTAGE PROTECTION
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
   4-Bit BusSwitch with -2V Undershoot Protection
logo
Fairchild Semiconductor
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com