Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF7P03HD Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MMSF7P03HD
Description  SINGLE TMOS POWER MOSFET 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7P03HD Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MMSF7P03HD Datasheet HTML 2Page - Motorola, Inc MMSF7P03HD Datasheet HTML 3Page - Motorola, Inc MMSF7P03HD Datasheet HTML 4Page - Motorola, Inc MMSF7P03HD Datasheet HTML 5Page - Motorola, Inc MMSF7P03HD Datasheet HTML 6Page - Motorola, Inc MMSF7P03HD Datasheet HTML 7Page - Motorola, Inc MMSF7P03HD Datasheet HTML 8Page - Motorola, Inc MMSF7P03HD Datasheet HTML 9Page - Motorola, Inc MMSF7P03HD Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MMSF7P03HD
6
Motorola TMOS Power MOSFET Transistor Device Data
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curve (Figure
12) defines the maximum simultaneous drain–to–source vol-
tage and drain current that a transistor can handle safely
when it is forward biased. Curves are based upon maximum
peak junction temperature and a case temperature (TC) of
25
°C. Peak repetitive pulsed power limits are determined by
using the thermal response data in conjunction with the pro-
cedures discussed in AN569, “Transient Thermal Resistance
– General Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded, and that the transition
time (tr, tf) does not exceed 10 µs. In addition the total power
averaged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and must be adjusted for operating conditions
differing from those specified. Although industry practice is to
rate in terms of energy, avalanche energy capability is not a
constant. The energy rating decreases non–linearly with an
increase of peak current in avalanche and peak junction tem-
perature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 13). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0.1
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
1.0
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 12 V
SINGLE PULSE
TA = 25°C
10
0.01
dc
10 ms
1.0
100
100
1 ms
TJ, STARTING JUNCTION TEMPERATURE (°C)
0
25
45
65
85
105
3000
145
2000
500
4000
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
5000
0.1
125
2500
1500
3500
4500
1000
ID = 7.0 A


Numéro de pièce similaire - MMSF7P03HD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMSF7P03HD ONSEMI-MMSF7P03HD Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2 ONSEMI-MMSF7P03HDR2 Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
MMSF7P03HDR2G ONSEMI-MMSF7P03HDR2G Datasheet
94Kb / 8P
   Power MOSFET 7 A, 30 V, P?묬hannel SO??
February, 2006 ??Rev. 7
logo
VBsemi Electronics Co.,...
MMSF7P03HDR2G VBSEMI-MMSF7P03HDR2G Datasheet
957Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - MMSF7P03HD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
   DUAL TMOS POWER MOSFET 30 VOLTS
MTD3302 MOTOROLA-MTD3302 Datasheet
87Kb / 4P
   SINGLE TMOS POWER MOSFET 30 VOLTS RDS(on) = 10 mohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com