Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC163245GX Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74ALVC163245GX
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC163245GX Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74ALVC163245GX Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 8Page - Fairchild Semiconductor 74ALVC163245GX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay
VCCA = 3.3 ± 0.3
1.3
4.9
ns
A to B
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
2.0
6.7
1.5
6.2
VCCB = 1.8 ± 0.15
VCCA = 2.7
2.0
6.3
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
1.5
5.8
VCCB = 1.8 ± 0.15
tPHL, tPLH
Propagation Delay
VCCA = 3.3 ± 0.3
1.1
4.5
ns
B to A
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.1
5.6
0.6
5.1
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
6.0
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
0.8
5.5
VCCB = 1.8 ± 0.15
tPZL, tPZH
Output Enable Time
VCCA = 3.3 ± 0.3
1.3
5.1
ns
OE to B
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
2.0
8.7
1.5
8.2
VCCB = 1.8 ± 0.15
VCCA = 2.7
2.0
8.8
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
1.5
8.3
VCCB = 1.8 ± 0.15
tPZL, tPZH
Output Enable Time
VCCA = 3.3 ± 0.3
1.1
4.5
ns
OE to A
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.1
5.6
0.6
5.1
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
5.8
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
0.8
5.3
VCCB = 1.8 ± 0.15
tPLZ, tPHZ
Output Disable Time
VCCA = 3.3 ± 0.3
1.3
4.9
ns
OE to B
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.3
5.0
0.8
4.5
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
5.1
VCCB = 1.8 ± 0.15
VCCA = 2.5 ± 0.2
0.8
4.6
VCCB = 1.8 ± 0.15
tPLZ, tPHZ
Output Disable Time
VCCA = 3.3 ± 0.3
1.1
5.3
ns
OE to A
VCCB = 2.5 ± 0.2
VCCA = 3.3 ± 0.3
1.1
6.1
0.6
5.6
VCCB = 1.8 ± 0.15
VCCA = 2.7
1.3
5.7
VCCB = 1.8 ± 0.18
VCCA = 2.5 ± 0.2
0.8
5.2
VCCB = 1.8 ± 0.18


Numéro de pièce similaire - 74ALVC163245GX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC16334 PHILIPS-74ALVC16334 Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16334ADGG PHILIPS-74ALVC16334ADGG Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Texas Instruments
74ALVC16334DGGRE4 TI-74ALVC16334DGGRE4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVC16334DGVRE4 TI-74ALVC16334DGVRE4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVC163245GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com