Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ16240MTD Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74ACTQ16240MTD
Description  16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ16240MTD Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ16240MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16240MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16240MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16240MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16240MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16240MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16240MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Voltage Range 5.0 is 5.0V
±0.5V.
Extended AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device. The
specification applies to any outputs switching HIGH to LOW (tOSHL), LOW to HIGH (tOSLH), or any combination switching LOW to HIGH and/or HIGH to LOW
(tOST).
Note 10: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all low-to-high,
high-to-low, etc.).
Note 11: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 12: 3-STATE delays are load dominated and have been excluded from the datasheet.
Note 13: The Output Disable Time is dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.7
4.8
7.3
2.7
7.8
ns
tPHL
Data to Output
3.0
5.1
7.3
3.0
7.8
tPZH
Output Enable Time
5.0
2.5
4.5
7.4
2.5
7.9
ns
tPZL
2.7
4.7
7.5
2.7
8.0
tPHZ
Output Disable Time
5.0
2.3
5.0
7.9
2.3
8.2
ns
tPLZ
2.0
4.6
7.4
2.0
7.9
TA = −40°C to +85°C
VCC = Com
TA = −40°C to +85°C
CL = 50 pF
VCC = Com
Symbol
Parameter
16 Outputs Switching
CL = 250 pF
Units
(Note 10)
(Note 11)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
4.0
11.2
5.6
13.8
ns
tPHL
Data to Output
4.0
10.0
5.6
13.6
tPZH
Output Enable Time
3.5
10.1
(Note 12)
ns
tPZL
3.4
10.0
tPHZ
Output Disable Time
3.6
8.9
(Note 13)
ns
tPLZ
3.1
8.1
tOSHL
Pin to Pin Skew
1.2
ns
(Note 9)
HL Data to Output
tOSLH
Pin to Pin Skew
2.5
ns
(Note 9)
LH Data to Output
tOST
Pin to Pin Skew
4.3
ns
(Note 9)
LH/HL Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Pin Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0V


Numéro de pièce similaire - 74ACTQ16240MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16244MTD FAIRCHILD-74ACTQ16244MTD Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16244SSC FAIRCHILD-74ACTQ16244SSC Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
More results

Description similaire - 74ACTQ16240MTD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVT16240 FAIRCHILD-74LVT16240 Datasheet
105Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com