Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDPQ2010NP-4R7MC-330 Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDPQ2010NP-4R7MC-330
Description  Ferrite core construction, Magnetically shielded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPQ2010NP-4R7MC-330 Fiches technique(HTML) 1 Page - Sumida Corporation

  CDPQ2010NP-4R7MC-330 Datasheet HTML 1Page - Sumida Corporation CDPQ2010NP-4R7MC-330 Datasheet HTML 2Page - Sumida Corporation CDPQ2010NP-4R7MC-330 Datasheet HTML 3Page - Sumida Corporation CDPQ2010NP-4R7MC-330 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Revised: 23-Apr-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDPQ2010
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 24.4×21.0×11.0 mm Max.
• Product weight:15.8 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Pallet packaging.
Applications
• Power supply of portable base station,
+48Vdc input environment power supply used
for industrial instrument.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
11.0 Max.
24
.0
±
0.
4
20.6±0.4
5.
0.
2
5.
0.
2
14.0
5.
0.
2
13
.3
±
0.
3
5.
5
13.5
7.
8
18
.8
21.7
2
1
3-N/C


Numéro de pièce similaire - CDPQ2010NP-4R7MC-330

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDPQ2010NP-4R7M-300 SUMIDA-CDPQ2010NP-4R7M-300 Datasheet
244Kb / 4P
   SMD Power Inductor
CDPQ2010NP-4R7M-300 SUMIDA-CDPQ2010NP-4R7M-300 Datasheet
269Kb / 4P
   SMD Power Inductor
More results

Description similaire - CDPQ2010NP-4R7MC-330

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDRH50D20 SUMIDA-CDRH50D20 Datasheet
245Kb / 4P
   Ferrite drum core construction, Magnetically shielded
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
CDEIR6D31F SUMIDA-CDEIR6D31F_11 Datasheet
134Kb / 4P
   Ferrite core construction.
CDEP104 SUMIDA-CDEP104_11 Datasheet
182Kb / 5P
   Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
   Ferrite core construction.
CDPH28D11F SUMIDA-CDPH28D11F_12 Datasheet
179Kb / 4P
   Ferrite core construction.
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com