Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54VCXH162244 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce 54VCXH162244
Description  Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH162244 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button 54VCXH162244_11 Datasheet HTML 4Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 5Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 6Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 7Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 8Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 9Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 10Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 11Page - STMicroelectronics 54VCXH162244_11 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
54VCXH162244
8/18
Doc ID 10652 Rev 9
2.3 V < VCC < 2.7 V unless otherwise specified
Table 6.
DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
-55 to 125 °C
Min.
Max.
VIH
High level input
voltage
2.3 to 2.7
1.6
V
VIL
Low level input
voltage
0.7
VOH
High level output
voltage
2.3 to 2.7
IO = -100 μAVCC-0.2
V
2.3
IO = -4 mA
2.0
IO = -6 mA
1.8
IO = -8 mA
1.7
VOL
Low level output
voltage
2.3 to 2.7
IO = 100 μA0.2
V
2.3
IO = 6 mA
0.4
IO = 8 mA
0.6
II
Input leakage current
2.3 to 2.7
VI = VCC or GND
± 5µA
II(HOLD)
Input hold current
2.3
VI = 0.7 V
45
µA
VI = 1.7 V
-45
Ioff
Power off leakage
current
0VI or VO = 0 to 3.6 V
10
µA
IOZ
High impedance
output leakage
current
2.3 to 2.7
VI = VIH or VIL
VO = 0 to 3.6 V
± 10
µA
ICC
Quiescent supply
current
2.3 to 2.7
VI = VCC or GND
20
µA
VI or VO =
VCC to 3.6 V
± 20


Numéro de pièce similaire - 54VCXH162244_11

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
   Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
More results

Description similaire - 54VCXH162244_11

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
   Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245_11 Datasheet
479Kb / 18P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162245 STMICROELECTRONICS-54VCXH162245_11 Datasheet
485Kb / 19P
   Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com