Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3120 Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3120
Description  2.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3120 Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3120 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Electrical Specifications (DC)
Over  recommended  operating  conditions  (TA  =  -40  to  100°C,  for  HCPL-3120,  HCPL-J312  IF(ON)  =  7  to  16mA,  for 
HCNW3120 IF(ON) = 10 to 16mA, VF(OFF) = -3.6 to 0.8 V, VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
High Level Output 
IOH 
0.5 
1.5 
A 
VO = (VCC - 4 V) 
2, 3, 
5
Current 
2.0 
A 
VO = (VCC - 15 V) 
17 
2
Low Level Output 
IOL 
0.5 
2.0 
A 
VO = (VEE + 2.5 V) 
5, 6, 
5
Current 
2.0 
A 
VO = (VEE + 15 V) 
18 
2
High Level Output 
VOH
(VCC - 4)  (VCC - 3) 
V 
IO = -100 mA 
1, 3, 
6, 7 
Voltage 
19
Low Level Output 
VOL 
0.1 
0.5 
V 
IO = 100 mA 
4, 6, 
Voltage 
20
High Level Supply 
ICCH
2.5 
5.0 
mA 
Output Open, 
7, 8 
Current 
IF = 7 to 16 mA
Low Level Supply 
ICCL
2.5 
5.0 
mA 
Output Open, 
Current 
VF = -3.0 to +0.8 V
Threshold Input 
IFLH
HCPL-3120 
2.3 
5.0 
mA 
IO = 0 mA, 
9, 15,
Current Low to 
HCPL-J312 
1.0 
VO > 5 V 
21
High 
HCNW3120 
2.3 
8.0
Threshold Input 
VFHL
0.8 
V 
Voltage High to 
Low
Input Forward 
VF
HCPL-3120 
1.2 
1.5 
1.8 
V 
IF = 10 mA 
16
Voltage 
HCPL-J312 
1.6 
1.95 
HCNW3120
Temperature 
∆VF/∆TA
HCPL-3120 
-1.6 
mV/°C  IF = 10 mA
Coefficient of 
HCPL-J312 
-1.3 
Forward Voltage 
HCNW3120
Input Reverse 
BVR
HCPL-3120 
5 
V 
IR = 10 µA
Breakdown 
HCPL-J312 
3 
IR = 100 µA 
Voltage 
HCNW3120
Input Capacitance 
CIN
HCPL-3120 
60 
pF 
f = 1 MHz,
HCPL-J312 
70 
VF = 0 V 
HCNW3120
UVLO Threshold 
VUVLO+
11.0 
12.3 
13.5 
V 
VO > 5 V, 
22, 
IF = 10 mA 
34
VUVLO–
9.5 
10.7 
12.0 
UVLO Hysteresis 
UVLOHYS   
1.6
*All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.


Numéro de pièce similaire - HCPL-3120

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3120 BOARDCOM-HCPL-3120 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-060E AVAGO-HCPL-3120-060E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-3120

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com