Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5262BRUZ200-RL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5262BRUZ200-RL7
Description  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ200-RL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5262BRUZ200-RL7 Datasheet HTML 7Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 8Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 9Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 10Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 11Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 12Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 13Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 14Page - Analog Devices AD5262BRUZ200-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5260/AD5262
Rev. A | Page 11 of 24
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
–40
–7
265992
12
TEMPERATURE (°C)
5
VDD/VSS = ±5V
VDD/VSS = +15/0V
Figure 21. ILOGIC vs. Temperature
10
100
1000
0
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
4.5
5.0
VIH (V)
VDD/VSS = 5V/0V
VLOGIC = 5V
VDD/VSS = 5V/0V
VLOGIC = 3V
Figure 22. ILOGIC vs. Digital Input Voltage
–20
–10
0
10
20
30
40
50
60
70
80
0
32
64
96
128
160
192
224
256
CODE (Decimal)
50k
20k
200k
Figure 23. Rheostat Mode Tempco ΔRWB /ΔT vs. Code
–60
–40
–20
0
20
40
60
80
100
120
0
32
64
96
128
160
192
224
256
CODE (Decimal)
50k
20k
200k
Figure 24. Potentiometer Mode Tempco ΔVWB/ΔT vs. Code
FREQUENCY (Hz)
1k
1M
6
–48
–54
–42
–36
–30
–24
–18
–12
–6
0
10k
100k
CODE = 0xFF
0x01
0x02
0x04
0x08
0x10
0x20
0x40
0x80
TA = 25°C
Figure 25. Gain vs. Frequency vs. Code, RAB = 20 kΩ
FREQUENCY (Hz)
1k
1M
6
–48
–42
–36
–30
–24
–18
–12
–6
0
10k
100k
CODE = 0xFF
0x01
0x02
0x04
0x08
0x10
0x20
0x40
0x80
TA = 25°C
–54
Figure 26. Gain vs. Frequency vs. Code, RAB = 50 kΩ


Numéro de pièce similaire - AD5262BRUZ200-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

Description similaire - AD5262BRUZ200-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com