Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT652 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74ACT652
Description  Transceiver/Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT652 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74ACT652 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT652 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: Voltage Range 5.0 is 5.0V
± 0.5V.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 5)
Min
Typ
Max
Min
Max
fMAX
Max. Clock Frequency
5.0
MHz
tPLH
Propagation Delay
5.0
2.0
7.0
9.5
2.0
10.0
ns
tPHL
Clock to Bus
tPLH
Propagation Delay
5.0
2.0
6.5
9.0
2.0
9.5
ns
tPHL
Bus to Bus
tPLH
Propagation Delay
5.0
2.5
6.5
10.0
2.5
10.5
ns
tPHL
SBA or SAB to A or B
tPZH
Enable Time
5.0
2.0
7.0
10.5
2.0
11.0
ns
tPZL
OEBA to A (Note 5)
tPHZ
Disable Time
5.0
1.0
5.0
8.0
1.0
8.5
tPLZ
OEBA to A (Note 5)
tPZH
Enable Time
5.0
2.0
7.0
10.5
2.0
11.0
tPZL
OEAB to B
tPHZ
Disable Time
5.0
1.0
5.0
8.0
1.0
8.5
ns
tPLZ
OEAB to B
ts(H)
Setup Time, HIGH or
5.0
3.0
3.0
ns
ts(L)
LOW, Bus to Clock
th(H)
Hold Time, HIGH or
5.0
1.5
1.5
ns
th(L)
LOW, Bus to Clock
tw(H)
Clock Pulse Width
5.0
4.0
4.0
ns
tw(L)
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
54
pF
VCC = 5.0V


Numéro de pièce similaire - 74ACT652

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652MTC FAIRCHILD-74ACT652MTC Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652SC FAIRCHILD-74ACT652SC Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652SPC FAIRCHILD-74ACT652SPC Datasheet
89Kb / 8P
   Transceiver/Register
More results

Description similaire - 74ACT652

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALS651 PHILIPS-74ALS651 Datasheet
156Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com