Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT2708 Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce 74ACT2708
Description  64 x 9 First-In, First-Out Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT2708 Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button 74ACT2708 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 9Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 10Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 11Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 12Page - Fairchild Semiconductor 74ACT2708 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
AC Electrical Characteristics
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 5)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay, tIR
5.0
2.0
6.5
11.0
1.5
12.5
ns
SI to IR
tPHL
Propagation Delay, tIR
5.0
2.0
6.5
11.0
1.5
12.0
ns
SI to IR
tPLH
Propagation Delay, tIHF
5.0
4.0
10.5
17.0
4.0
19.5
ns
SI to
> HF
tPHL
Propagation Delay, tIF
5.0
4.5
10.5
16.5
4.5
19.5
ns
SI to Full Condition
tPLH
Propagation Delay, tIE
5.0
4.0
10.0
15.5
4.0
17.5
ns
SI to Not Empty
tPLH
Propagation Delay, tIOR
5.0
4.0
13.5
16.5
4.0
19.0
ns
SI to OR
tPLH
Propagation Delay tMRIRH
5.0
3.0
8.5
13.5
3.0
15.5
ns
MR to IR
tPHL
Propagation Delay, tMRORL
5.0
7.0
16.5
25.5
7.0
29.0
ns
MR to OR
tPHL
Propagation Delay, tMRO
5.0
3.5
9.0
14.0
3.5
16.0
ns
MR to Full Flag
tPHL
Propagation Delay, tMRE
5.0
8.0
17.5
27.5
8.0
30.5
ns
MR to HF Flag
tPHL
Propagation Delay, tMRONL
5.0
3.0
9.0
15.0
3.0
17.0
ns
MR to On, LOW
tPLH
Propagation Delay, tD
5.0
6.5
18.5
27.0
6.5
31.0
ns
SO to Data Out
tPHL
Propagation Delay, tD
5.0
6.5
18.5
29.5
6.5
34.5
ns
SO to Data Out
tPHL
Propagation Delay, tOHF
5.0
3.5
8.5
13.5
3.5
15.5
ns
SO to
< HF
tPLH
Propagation Delay, tOF
5.0
5.0
12.5
19.5
5.0
22.0
ns
SO to Not Full
tPLH, tPHL
Propagation Delay, tOR
5.0
2.5
7.0
11.5
2.5
13.5
ns
SO to OR
tPHL
Propagation Delay, tOE
5.0
3.5
9.5
15.5
3.0
17.5
ns
SO to Empty
tPLH
Propagation Delay, tOD5
5.0
7.0
19.0
30.5
6.0
35.5
ns
SI to New Data Out
tPHL
Propagation Delay, tOD5
5.0
7.0
19.0
29.5
6.0
34.5
ns
SI to New Data Out
tPLH
Propagation Delay, tX1
5.0
3.5
10.0
16.0
2.5
18.0
ns
SI to HF
tPLH
Fall-Through Time, tFTO
5.0
3.5
13.5
21.0
1.5
24.0
ns
SI to OR
tW
R Pulse Width, tOP
5.0
12.5
17.0
26.0
12.5
30.5
ns


Numéro de pièce similaire - 74ACT2708

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74ACT273 ONSEMI-74ACT273 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74ACT273 FAIRCHILD-74ACT273 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
74ACT273B STMICROELECTRONICS-74ACT273B Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

Description similaire - 74ACT2708

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com