Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACQ573 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74ACQ573
Description  Quiet Series Octal Latch with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ573 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74ACQ573 Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ573 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.fairchildsemi.com
2
Functional Description
The ACQ/ACTQ573 contains eight D-type latches with 3-
STATE output buffers. When the Latch Enable (LE) input is
HIGH, data on the Dn inputs enters the latches. In this con-
dition the latches are transparent, i.e., a latch output will
change state each time its D-type input changes. When LE
is LOW the latches store the information that was present
on the D-type inputs at setup time preceding the
HIGH-to-LOW transition of LE. The 3-STATE buffers are
controlled by the Output Enable (OE) input. When OE is
LOW, the buffers are enabled. When OE is HIGH the buff-
ers are in the high impedance mode but this does not inter-
fere with entering new data into the latches.
Truth Table
H
= HIGH Voltage
L
= LOW Voltage
Z
= High Impedance
X
= Immaterial
O0 = Previous O0 before HIGH-to-LOW transition of Latch Enable
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Outputs
OE
LE
D
On
LH
H
H
LH
L
L
LL
X
O0
HX
X
Z


Numéro de pièce similaire - 74ACQ573

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ573MTC FAIRCHILD-74ACQ573MTC Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ573MTCX FAIRCHILD-74ACQ573MTCX Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ573SC FAIRCHILD-74ACQ573SC Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ573SCX FAIRCHILD-74ACQ573SCX Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
More results

Description similaire - 74ACQ573

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com