Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSF3305 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MMSF3305
Description  SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF3305 Fiches technique(HTML) 3 Page - Motorola, Inc

  MMSF3305 Datasheet HTML 1Page - Motorola, Inc MMSF3305 Datasheet HTML 2Page - Motorola, Inc MMSF3305 Datasheet HTML 3Page - Motorola, Inc MMSF3305 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMSF3305
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(1) (3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 15 Vdc, VGS = 0 Vdc, TJ = 70°C)
IDSS
1.0
5.0
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(1) (3)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.7
1.4
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(1) (3)
(VGS = 10 Vdc, ID = 9.1 Adc)
(VGS = 4.5 Vdc, ID = 7.3 Adc)
RDS(on)
20
30
m
On–State Drain Current
(VDS ≤ 5.0 V, VGS = 10 V)
(VDS ≤ 5.0 V, VGS = 4.5 V)
ID(on)
40
10
A
Forward Transconductance (VDS = 15 Vdc, ID = 8.0 Adc)
(1)
gFS
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
30 Vdc V
0 Vdc
Ciss
TBD
pF
Output Capacitance
(VDS = 30 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
TBD
Transfer Capacitance
f = 1.0 MHz)
Crss
TBD
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
15 Vd
I
1 0 Ad
td(on)
TBD
ns
Rise Time
(VDD = 15 Vdc, ID = 1.0 Adc,
VGS =10Vdc
tr
TBD
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 6.0 Ω) (1)
td(off)
TBD
Fall Time
G
)( )
tf
TBD
Gate Charge
See Figure 8
(V
15 Vd
I
4 6 Ad
QT
TBD
nC
See Figure 8
(VDS = 15 Vdc, ID = 4.6 Adc,
Q1
( DS
, D
,
VGS = 10 Vdc) (1)
Q2
Q3
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage(1)
(IS = 2.1 Adc, VGS = 0 Vdc) (1)
(IS = 2.1 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
1.2
Vdc
Reverse Recovery Time
See Figure 15
(I
2 1 Ad
V
0 Vd
trr
TBD
ns
See Figure 15
(IS = 2.1 Adc, VGS = 0 Vdc,
ta
( S
,
GS
,
dIS/dt = 100 A/µs) (1)
tb
Reverse Recovery Stored Charge
QRR
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA
(4) Repetitive rating; pulse width limited by maximum junction temperature.


Numéro de pièce similaire - MMSF3305

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
   SINGLE TMOS POWER MOSFET 30 VOLTS
More results

Description similaire - MMSF3305

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
   TMOS POWER 6.0 AMPERES 30 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
   SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com