Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC240-Q100 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74HC240-Q100
Description  Octal buffer/line driver; 3-state; inverting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC240-Q100 Fiches technique(HTML) 1 Page - NXP Semiconductors

  74HC240-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC240-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74HC240-Q100; 74HCT240-Q100 is a high-speed Si-gate CMOS device and is pin
compatible with Low-Power Schottky TTL (LSTTL).
The 74HC240-Q100; 74HCT240-Q100 is a dual octal inverting buffer/line driver with
3-state outputs. The 3-state outputs are controlled by the output enable inputs 1OE and
2OE. A HIGH on nOE causes the outputs to assume a high impedance OFF-state.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Inverting 3-state outputs
Multiple package options
Complies with JEDEC standard no. 7 A
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
3.
Ordering information
74HC240-Q100; 74HCT240-Q100
Octal buffer/line driver; 3-state; inverting
Rev. 1 — 30 July 2012
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC240D-Q100
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HCT240D-Q100
74HC240PW-Q100
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT240PW-Q100
74HC240BQ-Q100
40 C to +125 C
DHVQFN20 plastic dual-in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74HCT240BQ-Q100


Numéro de pièce similaire - 74HC240-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
More results

Description similaire - 74HC240-Q100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com