Moteur de recherche de fiches techniques de composants électroniques |
|
4N35S-M Fiches technique(PDF) 7 Page - Fairchild Semiconductor |
|
4N35S-M Fiches technique(HTML) 7 Page - Fairchild Semiconductor |
7 / 15 page 6/15/05 Page 7 of 15 © 2005 Fairchild Semiconductor Corporation GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 Fig. 9 CTR vs. RBE (Saturated) (Black Package) Fig. 10 CTR vs. RBE (Saturated) (White Package) RBE- BASE RESISTANCE (k Ω) RBE- BASE RESISTANCE (k Ω) 10 100 1000 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 VCE= 0.3 V IF = 5 mA IF = 10 mA IF = 20 mA 10 100 1000 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 IF = 20 mA IF = 10 mA IF = 5 mA VCE= 0.3 V Fig. 7 CTR vs. RBE (Unsaturated) (Black Package) Fig. 8 CTR vs. RBE (Unsaturated) (White Package) RBE- BASE RESISTANCE (kΩ) RBE- BASE RESISTANCE (kΩ) 10 100 1000 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 IF = 20 mA IF = 10 mA IF = 5 mA VCE= 5.0 V 10 100 1000 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 VCE= 5.0 V IF = 20 mA IF = 10 mA IF = 5 mA 0.01 0.1 1 10 0.001 0.01 0.1 1 10 100 IF = 5 mA IF = 20 mA IF = 10 mA Fig. 12 Collector-Emitter Saturation Voltage vs Collector Current (White Package) IC - COLLECTOR CURRENT (mA) IF = 2.5 mA TA = 25˚C Fig. 11 Collector-Emitter Saturation Voltage vs Collector Current (Black Package) IC - COLLECTOR CURRENT (mA) 0.01 0.1 1 10 0.001 0.01 0.1 1 10 100 IF = 2.5 mA TA = 25˚C IF = 20 mA IF = 10 mA IF = 5 mA |
Numéro de pièce similaire - 4N35S-M |
|
Description similaire - 4N35S-M |