Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT109 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74ACT109
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT109 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74ACT109 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT109 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V
Voltage Range 5.0 is 5.0V
± 0.5V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 5)
IIN
Maximum Input Leakage Current
5.5
± 0.1
± 1.0
µAFV
I = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 6)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
2.0
20.0
µAV
IN = VCC or GND
Supply Current
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
125
150
100
MHz
Frequency
5.0
150
175
125
tPLH
Propagation Delay
3.3
4.0
8.0
13.5
3.5
16.0
ns
CPn to Qn or Qn
5.0
2.5
6.0
10.0
2.0
10.5
tPHL
Propagation Delay
3.3
3.0
8.0
14.0
3.0
14.5
ns
CPn to Qn or Qn
5.0
2.0
6.0
10.0
1.5
10.5
tPLH
Propagation Delay
3.3
3.0
8.0
12.0
2.5
13.0
ns
CDn or SDn to Qn or Qn
5.0
2.5
6.0
9.0
2.0
10.0
tPHL
Propagation Delay
3.3
3.0
10.0
12.0
3.0
13.5
ns
CDn or SDn to Qn or Qn
5.0
2.0
7.5
9.5
2.0
10.5


Numéro de pièce similaire - 74ACT109

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74ACT109 ONSEMI-74ACT109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
logo
Fairchild Semiconductor
74ACT109 FAIRCHILD-74ACT109 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74ACT109PC FAIRCHILD-74ACT109PC Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74ACT109SC FAIRCHILD-74ACT109SC Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

Description similaire - 74ACT109

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com