Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT245CPC Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74ABT245CPC
Description  Octal Bi-Directional Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT245CPC Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74ABT245CPC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT245CPC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs
DC Electrical Characteristics
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-off State
0.5V to 5.5V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA (OE, T/R)
VOH
Output HIGH Voltage
2.5
V
Min
IOH 3 mA (An, Bn)
2.0
V
Min
IOH 32 mA (An, Bn)
VOL
Output LOW Voltage
0.55
V
Min
IOL 64 mA (An, Bn)
IIH
Input HIGH Current
1
PAMax
VIN 2.7V (OE, T/R)
1VIN VCC (OE, T/R)
IBVI
Input HIGH Current Breakdown Test
7
PAMax
VIN 7.0V (OE, T/R)
IBVIT
Input HIGH Current Breakdown Test (I/O)
100
PAMax
VIN 5.5V (An, Bn)
IIL
Input LOW Current
1
PAMax
VIN 0.5V (OE, T/R)
1VIN 0.0V (OE, T/R)
VID
Input Leakage Test
4.75
V
0.0
IID 1.9 PA (OE, T/R)
All Other Pins Grounded
IIH  IOZH
Output Leakage Current
10
PA0  5.5V VOUT 2.7V (An, Bn); OE 2.0V
IIL  I OZL
Output Leakage Current
10
PA0  5.5V VOUT 0.5V (An, Bn); OE 2.0V
IOS
Output Short-Circuit Current
100
275
mA
Max
VOUT 0.0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
PAMax
VOUT V CC (An, Bn)
IZZ
Bus Drainage Test
100
PA0.0
VOUT 5.5V (An, Bn);
All Others GND
ICCH
Power Supply Current
50
PA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
PAMax
OE
VCC, T/R GND or VCC;
All Other GND or VCC
ICCT
Additional
Outputs Enabled
2.5
mA
VI V CC  2.1V
I CC/Input
Outputs 3-STATE
2.5
mA
Max
OE, T/R VI VCC  2.1V
Outputs 3-STATE
50
PA
Data Input VI VCC  2.1V
All Others at VCC or GND.
ICCD
Dynamic ICC
No Load
0.1
mA/
Max
Outputs Open
MHz
OE
GND, T/R
GND or VCC
One Bit Toggling, 50% Duty Cycle


Numéro de pièce similaire - 74ABT245CPC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT245CMSA FAIRCHILD-74ABT245CMSA Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245CMTC FAIRCHILD-74ABT245CMTC Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245CMTCX_NL FAIRCHILD-74ABT245CMTCX_NL Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245CSC FAIRCHILD-74ABT245CSC Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245CSJ FAIRCHILD-74ABT245CSJ Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
More results

Description similaire - 74ABT245CPC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Renesas Technology Corp
HD74AC245 RENESAS-HD74AC245 Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com