Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT2952 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74ABT2952
Description  Octal Registered Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT2952 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74ABT2952 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT2952 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT2952 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT2952 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT2952 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT2952 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT2952 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT2952 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Extended AC Electrical Characteristics
(SOIC Package)
Note 8: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 9: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 10: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load.
Note 11: The 3-STATE delays are dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Skew
(SOIC Package)
Note 12: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 13: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load.
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW to HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-to-
LOW (tOST). This specification is guaranteed but not tested.
Note 15: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all
the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested.
Note 16: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not
tested.
Capacitance
Note 17: CI/O is measured at frequency f = 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = −40°C to +85°CTA = −40°C to +85°CTA = −40°C to +85°C
Units
VCC = 4.5V to 5.5V
VCC = 4.5V to 5.5V
VCC = 4.5V to 5.5V
CL = 50 pF
CL = 250 pF
CL = 250 pF
8 Outputs Switching
(Note 9)
8 Outputs Switching
(Note 8)
(Note 10)
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
6.0
2.0
8.0
2.5
10.5
ns
tPHL
CPA or CPB to An or Bn
1.5
6.0
2.0
8.0
2.5
10.5
tPZH
Output Enable Time
1.5
6.0
2.0
8.0
2.5
11.5
ns
tPZL
OEA or OEB to An or Bn
1.5
6.0
2.0
8.0
2.5
11.5
tPHZ
Output Disable Time
1.5
6.0
(Note 11)
(Note 11)
ns
tPZL
OEA or OEB to An or Bn
1.5
6.0
Symbol
Parameter
TA = −40°C to +85°CTA = −40°C to +85°C
Units
VCC = 4.5V–5.5V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 250 pF
8 Outputs Switching
8 Outputs Switching
(Note 12)
(Note 13)
Max
Max
tOSHL
Pin to Pin Skew
1.0
1.5
ns
(Note 14)
HL Transitions
tOSLH
Pin to Pin Skew
1.0
2.0
ns
(Note 14)
LH Transitions
tPS
Duty Cycle
2.0
4.5
ns
(Note 15)
LH–HL Skew
tOST
Pin to Pin Skew
2.1
4.5
ns
(Note 14)
LH/HL Transitions
tPV
Device to Device Skew
2.5
5.0
ns
(Note 16)
LH/HL Transitions
Symbol
Parameter
Typ
Units
Conditions
TA = 25°C
CIN
Input Capacitance
5
pF
VCC = 0V (Non I/O Pins)
CI/O (Note 17)
Output Capacitance
11
pF
VCC = 5.0V (An, Bn)


Numéro de pièce similaire - 74ABT2952

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
More results

Description similaire - 74ABT2952

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
NXP Semiconductors
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com