Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT16501CSSC Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74ABT16501CSSC
Description  18-Bit Universal Bus Transceivers with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16501CSSC Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74ABT16501CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16501CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16501CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16501CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16501CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16501CSSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16501CSSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions
Note 4: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 5: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 6: Guaranteed, but not tested.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 5)
−0.5V to +7.0V
Input Current (Note 5)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-off State
−0.5V to 5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate (
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH Voltage
2.5
V
Min
IOH = −3 mA
2.0
V
Min
IOH = −32 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA
IIH
Input HIGH Current
1
µAMax
VIN = 2.7V (Note 6)
1VIN = VCC
IBVI
Input HIGH Current Breakdown Test
7
µAMax
VIN = 7.0V
IIL
Input LOW Current
−1
µAMax
VIN = 0.5V (Note 6)
−1V
IN = 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA
All Other Pins Grounded
IIH +
Output Leakage Current
10
µA0 − 5.5V V
OUT = 2.7V; OE, OE = 2.0V
IOZH
IIL +
Output Leakage Current
−10
µA0 − 5.5V V
OUT = 0.5V; OE, OE = 2.0V
IOZL
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0V
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC
IZZ
Bus Drainage Test
100
µA0.0
VOUT = 5.5V; All Others GND
ICCH
Power Supply Current
1.0
mA
Max
All Outputs HIGH
ICCL
Power Supply Current
68
mA
Max
An or Bn Outputs LOW
ICCZ
Power Supply Current
1.0
mA
Max
OEn = VCC,
All Others at VCC or GND
ICCT
Additional ICC/Input
2.5
mA
Max
VI = VCC − 2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs Open
(Note 6)
0.23
MHz
Transparent Mode
One Bit Toggling, 50% Duty Cycle


Numéro de pièce similaire - 74ABT16501CSSC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501ADGG PHILIPS-74ABT16501ADGG Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501ADL PHILIPS-74ABT16501ADL Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Texas Instruments
74ABT16501DGGRE4 TI1-74ABT16501DGGRE4 Datasheet
395Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16501DGGRG4 TI1-74ABT16501DGGRG4 Datasheet
395Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ABT16501CSSC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com