Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT16245 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74ABT16245
Description  16-Bit Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16245 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74ABT16245 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16245 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Extended Electrical Characteristics
Note 4: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested.
Note 5: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested.
Note 6: Max number of data inputs (n) switching. n
 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD).
Guaranteed, but not tested.
AC Electrical Characteristics
Extended AC Electrical Characteristics
Note 7: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 8: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load capac-
itors in the standard AC load. This specification pertains to single output switching only.
Note 9: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load.
Note 10: 3-STATE delay are dominated by the RC network (500
:, 250 pF) on the output and have been excluded from the datasheet.
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
CL 50 pF; RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.9
V
5.0
TA 25qC (Note 4)
VOLV
Quiet Output Minimum Dynamic VOL
1.4
1.0
V
5.0
TA 25qC (Note 4)
VOHV
Minimum HIGH Level Dynamic Output Voltage
2.5
3.0
V
5.0
TA 25qC (Note 5)
VIHD
Minimum HIGH Level Dynamic Input Voltage
2.0
1.4
V
5.0
TA 25qC (Note 5)
VILD
Maximum LOW Level Dynamic Input Voltage
1.2
0.8
V
5.0
TA 25qC (Note 6)
Symbol
Parameter
TA 25qC
TA 55qC to 125qC
TA 40qC to 85qC
Units
VCC 5V
VCC 4.5V – 5.5V
VCC 4.5V – 5.5V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation
1.0
2.4
3.9
0.5
4.5
1.0
3.9
ns
tPHL
Delay Data to Outputs
1.0
2.8
3.9
0.5
5.2
1.0
3.9
tPZH
Output Enable
1.5
3.6
6.3
0.8
6.4
1.5
6.3
ns
tPZL
Time
1.5
3.7
6.3
0.9
6.9
1.5
6.3
tPHZ
Output Disable
1.3
4.6
6.9
1.3
6.9
1.3
6.9
ns
tPLZ
Time
1.3
3.7
6.9
1.0
6.9
1.3
6.9
Symbol
Parameter
TA 40qC to 85qC
TA 40qC to 85qC
TA 40qC to 85qC
Units
VCC 4.5V–5.5V
VCC 4.5V–5.5V
VCC 4.5V–5.5V
CL 50 pF
CL 250 pF
CL 250 pF
16 Outputs Switching
1 Output Switching
16 Outputs Switching
(Note 7)
(Note 8)
(Note 9)
Min
Typ
Max
Min
Max
Min
Max
fTOGGLE
Maximum Toggle Frequency
100
MHz
tPLH
Propagation Delay
1.5
5.0
1.5
6.0
2.5
8.0
ns
tPHL
Data to Outputs
1.5
5.3
1.5
6.0
2.5
8.0
tPZH
Output Enable
1.5
6.5
2.5
8.2
2.5
10.0
ns
tPZL
Time
1.5
6.5
2.5
8.2
2.5
9.0
tPHZ
Output Disable
1.0
6.9
(Note 10)
(Note 10)
ns
tPLZ
Time
1.0
6.9


Numéro de pièce similaire - 74ABT16245

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGGRG4 TI-74ABT16245ADGGRG4 Datasheet
362Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGVRE4 TI-74ABT16245ADGVRE4 Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16245ADGVRE4 TI-74ABT16245ADGVRE4 Datasheet
333Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ABT16245

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com