Moteur de recherche de fiches techniques de composants électroniques |
|
2W005G Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
2W005G Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 3 page 2W005G -2 W10G, Rev. A Glass Passivated Bridge Rectifiers (continued) Typical Characteristics Forward Current Derating Curve 25 50 75 100 125 150 175 0 0.5 1 1.5 2 AMBIENT TEMPERATURE ( C) º SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS Forward Characteristics 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0.01 0.1 1 10 FORWARD VOLTAGE (V) Pulse Width = 300 µs 2% Duty Cycle T = 25 C º A Reverse Characteristics 0 20406080 100 120 140 0.1 1 10 100 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) T = 25 C º A T = 125 C º A Non-Repetitive Surge Current 12 5 10 20 50 100 10 20 30 40 50 60 NUMBER OF CYCLES AT 60Hz |
Numéro de pièce similaire - 2W005G |
|
Description similaire - 2W005G |