Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-7860 Fiches technique(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-7860
Description  The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7860 Fiches technique(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7860 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-7860 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Shunt Connections
The recommended method for connecting the isolated
modulator to the shunt resistor is shown in Figure 17. VIN+
(pin 2 of the HPCL-7860/HCPL-786J) is connected to the
positive terminal of the shunt resistor, while VIN- (pin 3) is
shorted to GND1 with the power-supply return path func-
tioning as the sense line to the negative terminal of the
current shunt. This allows a single pair of wires or PC board
traces to connect the isolated modulator circuit to the
shunt resistor. By referencing the input circuit to the nega-
tive side of the sense resistor, any load current induced
noise transients on the shunt are seen as a common-mode
signal and will not interfere with the current-sense signal.
This is important because the large load currents flowing
through the motor drive, along with the parasitic induc-
tances inherent in the wiring of the circuit, can generate
both noise spikes and offsets that are relatively large com-
pared to the small voltages that are being measured across
the current shunt.
If the same power supply is used both for the gate drive cir-
cuit and for the current sensing circuit, it is very important
that the connection from GND1 of the isolated modulator
to the sense resistor be the only return path for supply cur-
rent to the gate drive power supply in order to eliminate
potential ground loop problems. The only direct connec-
tion between the isolated modulator circuit and the gate
drive circuit should be the positive power supply line.
In some applications, however, supply currents flowing
through the power-supply return path may cause offset
or noise problems. In this case, better performance may
be obtained by connecting VIN+ and VIN- directly across
the shunt resistor with two conductors, and connecting
GND1 to the shunt resistor with a third conductor for the
power-supply return path, as shown in Figure 19. When
connected this way, both input pins should be bypassed.
To minimize electromagnetic interference of the sense sig-
nal, all of the conductors (whether two or three are used)
connecting the isolated modulator to the sense resistor
should be either twisted pair wire or closely spaced traces
on a PC board.
The 39
: resistor in series with the input lead (R2) forms
a lowpass anti-aliasing filter with the 0.01
PF input bypass
capacitor (C2) with a 400 kHz bandwidth. The resistor per-
forms another important function as well; it dampens any
ringing which might be present in the circuit formed by
the shunt, the input bypass capacitor, and the inductance
of wires or traces connecting the two. Undamped ringing
of the input circuit near the input sampling frequency can
alias into the baseband producing what might appear to
be noise at the output of the device.
Figure 19. Schematic for Three Conductor Shunt Connection.
+
-
MOTOR
HV-
HV+
RSENSE
FLOATING
POSITIVE
SUPPLY
GATE DRIVE
CIRCUIT
VDD1
VIN+
VIN-
GND1
VDD2
MCLK
MDAT
GND2
HCPL-7860/
HCPL-786J
C1
0.1 μF
C2a
0.01 μF
R2a 39 Ω
R1
D1
5.1 V
C2b
0.01 μF
R2b 39 Ω


Numéro de pièce similaire - HCPL-7860

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-7860 HP-HCPL-7860 Datasheet
346Kb / 28P
   Isolated 15-bit A/D Converter
HCPL-7860 HP-HCPL-7860 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7860-300 HP-HCPL-7860-300 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
More results

Description similaire - HCPL-7860

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-500E AVAGO-HCPL-3150-500E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
logo
Burr-Brown (TI)
ISO809 BURR-BROWN-ISO809 Datasheet
111Kb / 7P
   Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com