Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5086 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 2N5086
Description  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5086 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  2N5086 Datasheet HTML 1Page - Fairchild Semiconductor 2N5086 Datasheet HTML 2Page - Fairchild Semiconductor 2N5086 Datasheet HTML 3Page - Fairchild Semiconductor 2N5086 Datasheet HTML 4Page - Fairchild Semiconductor 2N5086 Datasheet HTML 5Page - Fairchild Semiconductor 2N5086 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B1, September 2003
Typical Characteristics (Continuce)
Figure 13. Contours of Constanct
Narrow Band Noise Figure
Figure 14. Contours of Constanct
Narrow Band Noise Figure
Figure 15. BContours of Constant
Narrow Band Noise Figure
Figure 16. Contours of Constant
Narrow Band Noisd Figure
0.001
0.01
0.1
1
100
1,000
10,000
100,000
1,000,000
I
- COLLECTOR CURRENT (mA)
BANDWIDTH = 1.5 kHz
10
dB
C
6.0 d
B
4.0 d
B
10
dB
6.0 d
B
4.0 d
B
2.0 d
B
V
= - 5V
f = 10 kHz
CE
1.0 d
B
0.001
0.01
0.1
1
100
1,000
10,000
100,000
1,000,000
I
- COLLECTOR CURRENT (mA)
12
dB
C
8.0 d
B
5.0 d
B
3.0 d
B
V
= - 5V
f = 100 Hz
BANDWIDTH = 15 Hz
CE
12
dB
8.0 d
B
5.0 d
B
0.001
0.01
0.1
1
100
1,000
10,000
100,000
1,000,000
I
- COLLECTOR CURRENT (mA)
10
dB
C
6.0 d
B
4.0 d
B
V
= - 5V
f = 1.0 kHz
BANDWIDTH = 150 Hz
CE
10
dB
6.0 d
B
4.0 d
B
0.01
0.1
1
10
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (mA)
C
6.
0 d
B
4.
0 d
B
V
= - 5V
f = 10 MHz
BANDWIDTH
= - 2 kHz
CE


Numéro de pièce similaire - 2N5086

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
2N5086 SAMSUNG-2N5086 Datasheet
77Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
2N5086 MICRO-ELECTRONICS-2N5086 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
2N5086 FAIRCHILD-2N5086 Datasheet
100Kb / 9P
   PNP General Purpose Amplifier
logo
Central Semiconductor C...
2N5086 CENTRAL-2N5086 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
New Jersey Semi-Conduct...
2N5086 NJSEMI-2N5086 Datasheet
89Kb / 1P
   SI PNP LO-PWR BJT
More results

Description similaire - 2N5086

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com