Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSHS-2-T Fiches technique(PDF) 1 Page - Major League Electronics

No de pièce TSHS-2-T
Description  .079cl Triple Row - Straight Terminal Strip Headers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAJOR-LEAGUE [Major League Electronics]
Site Internet  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TSHS-2-T Fiches technique(HTML) 1 Page - Major League Electronics

  TSHS-2-T Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mates with:
BSSH,
BSSHC,
BSSQ,
BSSQC,
SSHQ,
SSHQR,
SSHR,
SSHS
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Specifications
Current Rating: 3.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 500V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 10 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
T = Triple Row
Pins Per Row
TSHS-2 XX
T
XX
Ordering Information
XX
LF
01 - 40
Lead Free
XXX
Pin Options
02
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
04
XX
Lock Tight "LT" Option
Leave blank if not needed
LT = With
Plating Options
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
G 10µ Gold on Contact Area / Flash on Tail
Tail Length
3.51mm
.138
3.00mm
.118
30µ Gold on Contact Area / Matte Tin on Tail
H
06
2.70mm
.106
08
5.38mm
.212
10
4.88mm
.192
12
4.57mm
.180
14
5.89mm
.232
16
5.38mm
.212
18
5.08mm
.200
20
9.40mm
.370
22
8.90mm
.350
24
8.59mm
.338
26
9.91mm
.390
28
9.40mm
.370
30
9.09mm
.358
3.20mm
.126
3.71mm
.146
4.01mm
.158
3.20mm
.126
3.71mm
.146
4.01mm
.158
3.20mm
.126
3.71mm
.146
4.01mm
.158
3.20mm
.126
3.71mm
.146
4.01mm
.158
3.20mm
.126
3.71mm
.146
4.01mm
.158
Post Height
8.20mm
.323
10.08mm
.397
10.59mm
.417
14.10mm
.555
14.61mm
.575
Length
X
Every Other Pin Filled
Leave blank if not needed
E = Filled
Gold Flash over Entire Pin
F
Major League Electronics .079 cl Terminal Strip Headers - Straight
21 FEB 07
TSHS-2-T SERIES
.079cl Triple Row - Straight
Terminal Strip Headers


Numéro de pièce similaire - TSHS-2-T

FabricantNo de pièceFiches techniqueDescription
logo
Major League Electronic...
TSHS-2-D MAJOR-LEAGUE-TSHS-2-D Datasheet
94Kb / 1P
   .079cl Dual Row - Straight Terminal Strip Headers
TSHS-2-S MAJOR-LEAGUE-TSHS-2-S Datasheet
91Kb / 1P
   .079cl Single Row - Straight Terminal Strip Headers
More results

Description similaire - TSHS-2-T

FabricantNo de pièceFiches techniqueDescription
logo
Major League Electronic...
TSHC-2-T MAJOR-LEAGUE-TSHC-2-T Datasheet
269Kb / 1P
   .079cl Triple Row - Custom Terminal Strip Headers
TTSHS-2-T MAJOR-LEAGUE-TTSHS-2-T Datasheet
113Kb / 2P
   .079cl Triple Row - Standard Thicker Terminal Strip Headers
TSHS-2-D MAJOR-LEAGUE-TSHS-2-D Datasheet
94Kb / 1P
   .079cl Dual Row - Straight Terminal Strip Headers
TSHS-2-S MAJOR-LEAGUE-TSHS-2-S Datasheet
91Kb / 1P
   .079cl Single Row - Straight Terminal Strip Headers
TSHC-2-S MAJOR-LEAGUE-TSHC-2-S Datasheet
476Kb / 1P
   .079cl Single Row - Custom Terminal Strip Headers
TSHC-2-D MAJOR-LEAGUE-TSHC-2-D Datasheet
268Kb / 1P
   .079cl Dual Row - Custom Terminal Strip Headers
TSHC-2-Q MAJOR-LEAGUE-TSHC-2-Q Datasheet
267Kb / 1P
   .079cl Quad Row - Custom Terminal Strip Headers
TTSHCR-2-D MAJOR-LEAGUE-TTSHCR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Custom Thicker Terminal Strip Headers
TTSHS-2-Q MAJOR-LEAGUE-TTSHS-2-Q Datasheet
99Kb / 1P
   .079cl Quad Row - Standard Thicker Terminal Strip Headers
TSHR-2-D MAJOR-LEAGUE-TSHR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Right Angle Terminal Strip Headers
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com