Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3595 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 1N3595
Description  Small Signal Diode Absolute Maximum Ratings
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N3595 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  1N3595 Datasheet HTML 1Page - Fairchild Semiconductor 1N3595 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N3595, Rev. A
1N3595
Small Signal Diode
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
DO-35
Color Band Denotes Cathode
2002 Fairchild Semiconductor Corporation
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
V
RRM
Maximum Repetitive Reverse Voltage
150
V
I
F(AV)
Average Rectified Forward Current
200
mA
I
FSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
T
stg
Storage Temperature Range
-65 to +200
°C
T
J
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Test Conditions
Min
Max
Units
V
R
Breakdown Voltage
I
R = 100 µA
150
V
V
F
Forward Voltage
I
F = 1.0 mA
I
F = 5.0 mA
I
F = 10 mA
I
F = 50 mA
IF = 100 mA
IF = 200 mA
0.52
0.60
0.65
0.75
0.79
0.83
0.68
0.75
0.80
0.88
0.92
1.00
V
V
V
V
V
V
I
R
Reverse Current
V
R = 125 V
VR = 30 V, TA = 125°C
VR = 125 V, TA = 125°C
VR = 125 V, TA = 150°C
1
0.3
0.5
3
nA
µA
µA
µA
C
T
Total Capacitance
V
R = 0, f
= 1.0 MHz
8
pF
t
rr
Reverse Recovery Time
I
F = 10 mA, VR =
3.5 V,
RL = 1.0 kΩ
3
µs


Numéro de pièce similaire - 1N3595

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3595 MICROSEMI-1N3595 Datasheet
127Kb / 2P
   Low Leakage Diode
logo
List of Unclassifed Man...
1N3595 ETC-1N3595 Datasheet
36Kb / 1P
   HIGH CONDUCTANCE LOW LEAKAGE DIODES
logo
Fairchild Semiconductor
1N3595 FAIRCHILD-1N3595 Datasheet
336Kb / 10P
   General Purpose Diodes
logo
New Jersey Semi-Conduct...
1N3595 NJSEMI-1N3595 Datasheet
113Kb / 1P
   low leakage planar diode.
logo
Microsemi Corporation
1N3595 MICROSEMI-1N3595 Datasheet
133Kb / 2P
   Six sigma quality
More results

Description similaire - 1N3595

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
1N5226B FAIRCHILD-1N5226B Datasheet
23Kb / 3P
   Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
   ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
   Absolute Maximum Ratings
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com