Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2333DS-T1-E3 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI2333DS-T1-E3
Description  Halogen-free According to IEC 61249-2-21
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2333DS-T1-E3 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI2333DS-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI2333DS-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72023
S09-0130-Rev. C, 02-Feb-09
Vishay Siliconix
Si2333DS
Notes:
a. Pulse test: PW
≤ 300 µs, duty cycle ≤ 2 %.
b. For design aid only, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 12
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.40
- 1.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 9.6 V, VGS = 0 V
- 1
µA
VDS = - 9.6 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 5.3 A
0.025
0.032
Ω
VGS = - 2.5 V, ID = - 4.6 A
0.033
0.042
VGS = - 1.8 V, ID = - 2.0 A
0.046
0.059
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 5.3 A
17
S
Diode Forward Voltage
VSD
IS = - 1.0 A, VGS = 0 V
- 0.7
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 4.5 V
ID ≅ - 5.3 A
11.5
18
nC
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
3.2
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
1100
pF
Output Capacitance
Coss
390
Reverse Transfer Capacitance
Crss
300
Switchingc
Turn-On Time
td(on)
VDD = - 6 V, RL = 6 Ω
ID ≅ - 1.0 A, VGEN = - 4.5 V
RG = 6 Ω
25
40
ns
tr
45
70
Turn-Off Time
td(off)
72
110
tf
60
90


Numéro de pièce similaire - SI2333DS-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SI2333DS-T1-GE3 VBSEMI-SI2333DS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - SI2333DS-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
logo
Kersemi Electronic Co.,...
IRF530S KERSEMI-IRF530S Datasheet
916Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com