Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDAT04622 Fiches technique(PDF) 8 Page - Agere Systems

No de pièce TDAT04622
Description  TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
Download  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

TDAT04622 Fiches technique(HTML) 8 Page - Agere Systems

Back Button TDAT04622 Datasheet HTML 4Page - Agere Systems TDAT04622 Datasheet HTML 5Page - Agere Systems TDAT04622 Datasheet HTML 6Page - Agere Systems TDAT04622 Datasheet HTML 7Page - Agere Systems TDAT04622 Datasheet HTML 8Page - Agere Systems TDAT04622 Datasheet HTML 9Page - Agere Systems TDAT04622 Datasheet HTML 10Page - Agere Systems TDAT04622 Datasheet HTML 11Page - Agere Systems TDAT04622 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 310 page
background image
6
Agere Systems Inc.
Advisory
May 2001
for Version 1 and 1A of the Device
TDAT042G5 Device Advisory
Path Terminator (PT) (continued)
PT3. Remote Defect Indicator (RDI) Behavior
The SONET standards require that when an RDI changes value, it should hold the value for a minimum of
20 frames. This applies to a no error state, which should be maintained for at least 20 consecutive frames.
However, it is also intended by the SONET standard that the occurrence of an error state should be reported
immediately.
TDAT042G5 responds to error conditions within 100 ms (ANSI
*T1.105 which states only that RDI-L must be gen-
erated or removed within 100 ms of detecting or terminating an incoming defect), in which case the two require-
ments become functionally the same.
Single-bit and enhanced RDI behave differently under the following conditions:
I Transition from
error state to no error state.
I While in the
error state, a subsequent error occurs.
The single-bit error RDI does not hold the no error state for 20 frames. However, the enhanced RDI does hold the
no error state for 20 consecutive frames.
Workaround
No workaround is available for this condition.
Corrective Action
The enhanced RDI indicator in future versions of the device will behave the same as the single-bit error indicator.
PT4. SS Pointer Interpretation Algorithm
The SDH standards do not require that the SS bits are set to binary 10 for SDH equipment. The SS bit values are
not used in determining a valid pointer value. Because of this, the SS pointer interpretation algorithm is not imple-
mented in the device. Bit 5 (RSSPTRNORM[A—D]) of PT control registers 0x0AA6, 0xAAE, 0x0AB6, and 0x0ABE
is not used. Bits 1 and 0 (RSSEXP[1:0]) of PT provisioning register 0x0AC7 are not used.
Workaround
No workaround is available for this condition.
Corrective Action
These bits will be removed from the PT registers in future revisions of the advance data sheet.
* ANSI is a registered trademark of American National Standards Institute, Inc.


Numéro de pièce similaire - TDAT04622

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
TDAT12622-BA23 AGERE-TDAT12622-BA23 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT161G2-BA23 AGERE-TDAT161G2-BA23 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT162G52 AGERE-TDAT162G52 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT162G52-3BA AGERE-TDAT162G52-3BA Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TDAT162G52-BA23 AGERE-TDAT162G52-BA23 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
More results

Description similaire - TDAT04622

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
TDAT162G52 AGERE-TDAT162G52 Datasheet
10Mb / 810P
   MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
logo
PMC-Sierra, Inc
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
   SONET/SDH Interface for 622 & 155 Mbit/s
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5313 PMC-PM5313 Datasheet
126Kb / 4P
   SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
   SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
logo
Agere Systems
TMXF28155 AGERE-TMXF28155 Datasheet
9Mb / 606P
   TMXF28155 Super Mapper 155/51 Mbits/s SONET/SDH x28/x21 DS1/E1
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com