Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2-1393143-0 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce 2-1393143-0
Description  General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393143-0 Fiches technique(HTML) 1 Page - Tyco Electronics

  2-1393143-0 Datasheet HTML 1Page - Tyco Electronics 2-1393143-0 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
731
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Mechanical Data
Termination: .187" x .020" quick connect.
Enclosures: Clear polycarbonate dust cover.
Weight: 3.0 oz. (86g) approximately.
Environmental Data
Temperature Range:
Storage:
All Coils: -45°C to +105°C.
Operating:
DC Coils: -45°C to +70°C.
AC Coils: -45°C to +45°C.
Initial Dielectric Strength
Between Open Contacts: 500V rms.
Between Adjacent Contacts: 1,500V rms.
Between Contacts and Coil: 1,500V rms.
Operate Data @ 25°C
Must Operate Voltage:
DC Coils: 75% of nominal voltage or less.
AC Coils: 85% of nominal voltage or less.
Operate Time (Excluding Bounce): 15 milliseconds, typical,
at nominal voltage.
Release Time (Excluding Bounce):
DC Coils: 10 milliseconds, typical, at nominal voltage.
AC Coils: 10 milliseconds, typical, at nominal voltage.
Features
• AC coils 24, 120 & 240V 50/60 Hz.; DC 12 & 24VDC.
• Contact arrangement to 3PDT.
• Sockets available for all models.
• Accepted pin pattern for HVAC industry.
• Primarily designed for the HVAC industry.
KUP93 series
General Purpose
3 to 10 Amp, Multicontact
AC or DC Relay
File E22575
File LR15734
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent
approvals files of the agencies/laboratories and review them to ensure the
product meets the requirements for a given application.
Coil Data @ 25°C
Nominal Power:
DC Coils: 1.2 Watts.
AC Coils: 2.7VA.
Initial Insulation Resistance: 100 megohms, min., at 25°C.
Contact Data @ 25°C
Material: Fine silver or silver-cadmium oxide.
Coil Data
*AC coils, ± 15%
Contact Ratings
Material
UL/CSA Ratings
Life
Expected
Fine silver
5A @ 28VDC or 240VAC, 80% PF,
1/10 HP @ 120VAC, 1/4 HP @ 240VAC
100,000
Silver-
10A @ 28VDC or 240VAC, 80% PF,
cadmium
1/4 HP @ 120VAC,1/3 HP @ 240VAC
100,000
oxide
10 FLA, 30 LRA @ 120VAC,
5 FLA,15 LRA @ 240VAC
30,000
DC
Must
Nominal
Nominal
Resistance
Operate
Coil
Voltage
in Ohms
Voltage
Current
± 10%*
(mA)
DC
12
120
9.0
100
Coils
24
472
18.0
51
AC
24
72
20.4
115
Coils
120
1,700
102.0
24
240
7,200
204.0
12


Numéro de pièce similaire - 2-1393143-0

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-1393143-1 MACOM-2-1393143-1 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-2 MACOM-2-1393143-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-4 MACOM-2-1393143-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-5 MACOM-2-1393143-5 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results

Description similaire - 2-1393143-0

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
E22575 MACOM-E22575 Datasheet
113Kb / 4P
   General Purpose Dry Circuit to 5A Multicontact AC or DC Relay
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
   5 to 10 Amp General Purpose Relay
logo
Leach International Cor...
YCA LEACH-YCA Datasheet
438Kb / 5P
   RELAY - NONLATCH - AC COIL 3 PDT, LOW LEVEL TO 10 AMP
logo
List of Unclassifed Man...
PME261 ETC2-PME261 Datasheet
49Kb / 3P
   General purpose AC/DC
logo
American Zettler, Inc.
AZKUP AZETTLER-AZKUP Datasheet
255Kb / 4P
   13 AMP GENERAL PURPOSE POWER RELAY
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Leach International Cor...
YCL LEACH-YCL Datasheet
741Kb / 5P
   RELAY - LATCHING 3 PDT, LOW LEVEL TO 10 AMP
JA-A1F LEACH-JA-A1F Datasheet
722Kb / 5P
   RELAY – NONLATCH – AC COIL 2PDT, 10 AMP
logo
List of Unclassifed Man...
PR10 ETC2-PR10 Datasheet
479Kb / 3P
   10-Amp DC Power Supply - Precision Regulated AC-to-DC Conversi
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com