Moteur de recherche de fiches techniques de composants électroniques |
|
2-1393118-9 Fiches technique(PDF) 4 Page - Tyco Electronics |
|
2-1393118-9 Fiches technique(HTML) 4 Page - Tyco Electronics |
4 / 5 page General Purpose Relays Industrial Relays KUP Series Panel Plug-in Relay (Continued) 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 4 Potter & Brumfield Product code structure Typical product code KUP -14 A 1 5 -120 Type KU Open style relay KUP Enclosed relay Contact arrangement 1 1 form A (1 NO) 3 1 form X (1 NO-DM) 5 1 form C (1 CO) 7 2 form A (2 NO) 11 2 form C (2 CO) 12 3 form A (3 NO) 14 3 form C (3 CO) 17 4 form C (4 CO) Coil Input A AC, 50/60Hz D DC Mounting and options KU 1 #6-32 mounting stud, 5.54mm (.218in) locating tab 3 #6-32 tapped core, 3.18mm (.125in) locating tab 4 #6-32 tapped core, 5.54mm (.218in) locating tab 5 #6-32 tapped core, no locating tab KUP 1 Socket mount (plain) case 2 Socket mount (plain) case with push-to-test button 1) 3 Socket mount (plain) case with indicator lamp 2) 4 Socket mount (plain) case with indicator lamp and push-to-test button 1) 2) 5 Bracket mount case A Plain case with #6-32 stud and locating tab E Plain case with #6-32 tapped core and locating tab T Top flange case 1) 1) Not available with four pole models (Contact arrangement 17). 2) Indicator lamps are available on models with the following coils: 6-24VAC and VDC, 110VDC and 120-240VAC. Only models with 120-240VAC coils are UL recognized. Terminal and contact material 1 and 2 pole models 1 4.75mm (.187in) quick connect/solder; Ag, 5A 3 1.19mm (.047in) PCB; Ag, 5A 5 4.75mm (.187in) quick connect/solder; AgCdO, 10A 7 1.19mm (.047in) PCB; AgCdO, 10A J 6.35mm (.250in) quick connect/solder; Ag, 5A K 6.35mm (.250in) quick connect/solder; AgCdO, 10A P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A S 1.19mm (.047in) PCB, AgSnOInO; 10A W 6.35mm (.250in) quick connect/solder; AgSnOInO, 10A 3 pole models 1 4.75mm (.187in) quick connect/solder; Ag, 5A 3 1.19mm (.047in) PCB; Ag, 5A 5 4.75mm (.187in) quick connect/solder; AgCdO, 10A 7 1.19mm (.047in) PCB; AgCdO, 10A P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A S 1.19mm (.047in) PCB, AgSnOInO; 10A 4 pole models 1 4.75mm (.187in) quick connect/solder; Ag, 5A 3) 3 1.19mm (.047in) PCB; Ag, 5A 4 2.79mm (.110in) quick connect/solder; Ag, 5A 5 4.75mm (.187in) quick connect/solder; AgCdO, 10A 3) 7 1.19mm (.047in) PCB; AgCdO, 10A 9 2.79mm (.110in) quick connect/solder; AgCdO, 10A P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A 3) S 1.19mm (.047in) PCB, AgSnOInO; 10A U 2.79mm (.110in) quick connect/solder; AgSnOInO, 10A 2) 3) 4 pole KUP with 4.75mm (.187in) terminals will not plug into sockets. Must use 2.79mm (.110) terminals for socket mounting. Au flashed contact option Leave Blank No Au flashing on contacts F Optional Au flashing on contacts Coil voltage Coil code: please refer to coil versions table PCB layout Bottom view on solder pins 1 form X version 3 pole version 4 pole version (Omit unnecessry holes for form A and 2 pole types) .875 (22.23) .626 (15.90) .076 DIA. TYP. (1.93) .626 (15.90) .328 (8.33) .437 (11.10) .875 (22.23) .076 DIA. TYP. (1.93) .206 (5.23) .328 (8.33) .510 (12.95) .170 (4.32) .076 DIA. TYP. (1.93) .626 (15.90) .340 (8.64) 1.020 (25.91) .206 (5.23) |
Numéro de pièce similaire - 2-1393118-9 |
|
Description similaire - 2-1393118-9 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |