Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LU3X34FTR Fiches technique(PDF) 4 Page - Agere Systems

No de pièce LU3X34FTR
Description  Quad 3 V 10/100 Ethernet Transceiver TX/FX
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

LU3X34FTR Fiches technique(HTML) 4 Page - Agere Systems

  LU3X34FTR Datasheet HTML 1Page - Agere Systems LU3X34FTR Datasheet HTML 2Page - Agere Systems LU3X34FTR Datasheet HTML 3Page - Agere Systems LU3X34FTR Datasheet HTML 4Page - Agere Systems LU3X34FTR Datasheet HTML 5Page - Agere Systems LU3X34FTR Datasheet HTML 6Page - Agere Systems LU3X34FTR Datasheet HTML 7Page - Agere Systems LU3X34FTR Datasheet HTML 8Page - Agere Systems LU3X34FTR Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
LU3X34FTR
Preliminary Data Sheet
Quad 3 V 10/100 Ethernet Transceiver TX/FX
July 2000
4
Lucent Technologies Inc.
Description
5-7520(F)
Figure 1. LU3X34FTR Block Diagram
INTZ
TXD[1:0], TX_EN
RXD[1:0], CRS_DV
PORTS[3:0]
LED OUTPUTS
MDC MDIO
RX
±
RMII/SMII-TO-MII
MII-TO-RMII/SMII
GLOBAL
INTERRUPT
REF_CLK
100BASE-T
100BASE-X
PCS
PCS
LED
REGISTERS
MANAGE-
MENT
CONTROL
AUTONEG/
LINK
10/100
TRANSMIT
10/100 CLOCK
RECOVERY
CLOCK
SQUELCH/SIG_
BLW CORRECTION
ADAPTIVE EQ.
CONVERSION
SYNTHESIS
DETECT
TX
±
CONVERSION


Numéro de pièce similaire - LU3X34FTR

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
LU3X31T-T64 AGERE-LU3X31T-T64 Datasheet
580Kb / 44P
   LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX
More results

Description similaire - LU3X34FTR

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
   NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
AM79C874 AMD-AM79C874 Datasheet
542Kb / 60P
   NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228 Datasheet
157Kb / 1P
   10/100 BASE - TX/FX OCTAL TRANSCEIVER
BCM5226 BOARDCOM-BCM5226 Datasheet
162Kb / 1P
   10/100 BASE TX/FX HEX TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
   10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
   10/100 BASE-TX/FX 8 PORT TRANSCEIVER
logo
Broadcom Corporation.
BCM5228 BOARDCOM-BCM5228_05 Datasheet
1Mb / 100P
   10/100BASE-TX/FX Octal Transceiver
BCM5208 BOARDCOM-BCM5208 Datasheet
56Kb / 1P
   10/100 BASE-TX QUAD TRANSCEIVER
logo
Agere Systems
LU3X54FT AGERE-LU3X54FT Datasheet
677Kb / 54P
   QUAD-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com