Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9311 Fiches technique(PDF) 34 Page - Agere Systems

No de pièce L9311
Description  Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

L9311 Fiches technique(HTML) 34 Page - Agere Systems

Back Button L9311 Datasheet HTML 30Page - Agere Systems L9311 Datasheet HTML 31Page - Agere Systems L9311 Datasheet HTML 32Page - Agere Systems L9311 Datasheet HTML 33Page - Agere Systems L9311 Datasheet HTML 34Page - Agere Systems L9311 Datasheet HTML 35Page - Agere Systems L9311 Datasheet HTML 36Page - Agere Systems L9311 Datasheet HTML 37Page - Agere Systems L9311 Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Data Sheet
July 2001
Ringing Relay, and GR-909 Test Access
L9311 Full-Feature SLIC with High Longitudinal Balance,
34
Agere Systems Inc.
Supervision (continued)
Ring Trip
Ring trip is set by the value of RS1.
The ring trip threshold at the ring trip inputs is ±2.5 V
minimum, ±3.5 V maximum.
A resistor value of 400
Ω, as shown in Figure 4, will set
the ring trip current threshold to ±7.5 mA typical.
Ring trip is asserted upon entering the ringing mode
until the second zero crossing of ringing. This is either
a positive-going zero crossing (between –40 V and
–30 V at –50 V VBAT) or a negative-going zero crossing
(between –10 V and –20 V at –50 V VBAT). The different
threshold for positive-going and negative-going zero
crossings is the result of hysteresis of approximately
20 V. The act of turning on the switch may or may not
produce a ringing zero crossing, therefore, there may
be a delay of up to almost one cycle of ringing or 50 ms
until NSTAT is high.
Ring trip will not be asserted unless the ring trip thresh-
old is exceeded for two zero crossings. This is either a
positive-going zero crossing (between –40 V and –30 V
at –50 V VBAT) or a negative-going zero crossing
(between –10 V and –20 V at –50 V VBAT). The different
threshold for positive-going and negative-going zero
crossings is the result of hysteresis of approximately
20 V.
Note that since the ringing voltage is monitored at
RSW, one zero crossing can occur at switch turn-on
depending on initial conditions.
Ring trip is asserted immediately if the ring trip input is
15 V ± 3 V.
Ring Ground Detector
In ground start applications, a common-mode current
detector is used to indicate a ring ground has occurred
or an off-hook has occurred. The detection threshold is
set by connecting a resistor from ICM to ground.
2350/RICM (k
Ω) = ITH (mA)
Additionally, a filter capacitor across RICM will set the
time constant of the detector. No hysteresis is associ-
ated with this detector.
Switching Behavior
The solid-state ring relay in the L9311 device is able to
provide either make-before-break or break-before-
make timing with respect to switching into and out of
the ring mode. If switching is done directly into and out
of the ring mode, the design of the L9311 will give
make-before-break switching with respect to both the
ring and tip side switches. To achieve break-before-
make switching, the user should via software control
enter an intermediate all-off mode when switching into
and out of the ring mode. The all-off state should be
held a minimum of 8 ms.
Make-Before-Break Operation
The break switches are constructed from DMOS tran-
sistors. The tip side ring return is also a DMOS transis-
tor. Because the on resistance of the break switches is
less than the tip side ring return switch, the break
switches are physically bigger. This implies a larger
gate to source capacitance, with inherently slower
switching speeds since it will take longer to charge or
discharge the gate to source capacitance of the break
switches (to change the state of the switch). The ring
access switch is a pnpn type device. The pnpn device
has inherently faster switching speeds than any of the
DMOS type switches.
Going from the active to ring mode, the smaller tip side
ring return switch and the pnpn ring access switch will
change states before the larger break switches. Thus,
the ring contacts are made before the line break
switches are broken: make-before-break operation.
Going from the ring mode to active or scan, the natural
tendency is for the smaller tip side ring return DMOS to
break or open, before the larger DMOS can turn on.
This would not be make-before-break operation on the
tip side. Thus, circuitry is added to speed up charging
of the tip break switch, to speed up the turn on of that
switch to give make-before-break operation on the tip
side.
On the ring side, going from the ring mode to the active
or scan mode, the pnpn will not turn off until the ring
current drops below the hold current of the pnpn device
(which is typically 500
µA); this is effectively zero cur-
rent for zero current turn off. This can take up to one-
half cycle of ringing to occur. With this inherent delay in
switching by the pnpn ring access switch, the break
switches will make contact before the ring access
switch breaks contact; so again, make-before-break
switching is achieved.


Numéro de pièce similaire - L9311

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
More results

Description similaire - L9311

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
L9310 AGERE-L9310 Datasheet
1Mb / 60P
   Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
L9313 AGERE-L9313 Datasheet
746Kb / 40P
   Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
L9312 AGERE-L9312 Datasheet
709Kb / 40P
   Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
   Ringing Subscriber Line Interface Circuit
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com