Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSP1027 Fiches technique(PDF) 4 Page - Agere Systems

No de pièce CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

CSP1027 Fiches technique(HTML) 4 Page - Agere Systems

  CSP1027 Datasheet HTML 1Page - Agere Systems CSP1027 Datasheet HTML 2Page - Agere Systems CSP1027 Datasheet HTML 3Page - Agere Systems CSP1027 Datasheet HTML 4Page - Agere Systems CSP1027 Datasheet HTML 5Page - Agere Systems CSP1027 Datasheet HTML 6Page - Agere Systems CSP1027 Datasheet HTML 7Page - Agere Systems CSP1027 Datasheet HTML 8Page - Agere Systems CSP1027 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
4
3 Pin Information (continued)
Functional descriptions of the pins are found in Section 6 on page 30.
Table 1. Pin Descriptions
QFP Pin
TQFP Pin
Symbol
Type
Name/Function
1, 2, 3
1, 2, 3
RES
NC*
Reserved.
4
4
SMODE1
I
Serial Mode Select 1.
5
5
SMODE0
I
Serial Mode Select 0.
6, 7, 8,
9, 10
6, 7, 8,
9, 10, 11
RES
NC*
Reserved.
11
12
CKO1
O
Clock Output 1.
12
13
CLK
I
Clock Input.
13
14
XLO
I
Crystal Input.
14
15
XHI
O
Crystal Output.
15
16
XOSCEN
I
Crystal Oscillator Enable.
16
17
CKO2
O
Clock Output 2.
17
18
VSS
P
Digital Ground.
18
19
SADD
I/O
Serial Address.
19
20
DI
I
Serial Input Data.
20
21
DO
O
Serial Output Data.
21
22
VDD
P
Digital Power Supply.
23
RES
NC*
Reserved.
22
24
SYNC
I/O
Serial Input/Output Load Strobe and Synchronization.
23
25
IOCK
I
Serial Clock.
24, 25,
26, 27, 28
26, 27, 28,
29, 30, 31
RES
NC*
Reserved.
29
32
RSTB
I
Reset.
30
33
PORB
O
Power-On Reset Output.
31
34
PORCAP
I§
External Capacitor Connection for Power-On Reset.
32
35
SMODE2
I
Serial Mode Select 2.
33
36
EIGS
I**
External Input Gain Select.
37
RES
NC*
Reserved.
34
38
VSSA
P
Analog Ground.
35
39
VREG
A
Regulated Output Voltage for Electrect Condenser Microphone.
36
40
VDDA
P
Analog 5.0 V Power Supply.
37
41
AOUTN
A
Inverting Analog Output of Output Amplifier.
38
42
RES
NC*
Reserved.
39
43
AOUTP
A
Noninverting Analog Output of Output Amplifier.
40
44
VSSA
P
Analog Ground.
41
45
MICIN
A
Analog Input for Microphone.
42
46
REFC
A
External Capacitor Connection for Internal Voltage Regulator.
43
47
AUXIN
A
Analog Input from Auxiliary.
44
48
VDDA
P
Analog 5.0 V Power Supply.
*
Indicates no connection.
† Indicates 3-state output.
‡ Indicates pull-up device on input.
§ Indicates pull-up resistor on input.
** Indicates pull-down device on input.


Numéro de pièce similaire - CSP1027

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
48Kb / 4P
   Host-Based Controller V.92 Modem Chip Set
More results

Description similaire - CSP1027

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
[Old version datasheet]   VOICE/MODEM CODEC
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
   Voice-Band Audio CODEC for CDMA
logo
Skyworks Solutions Inc.
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
   Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
   Single-Channel Voice Band CODEC
logo
Skyworks Solutions Inc.
SKY74073 SKYWORKS-SKY74073 Datasheet
78Kb / 2P
   SKY74073: Dual-Band SPR??Module for GSM and GPRS Handset Applications
logo
Wolfson Microelectronic...
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
   AMC97 Audio and Modem Codec
logo
CML Microcircuits
FX812 CMLMICRO-FX812 Datasheet
480Kb / 13P
   VOICE STORE AND RETRIEVE CODEC
logo
Skyworks Solutions Inc.
SKY74067-21 SKYWORKS-SKY74067-21 Datasheet
184Kb / 10P
   Dual-Band CDMA2000 Transmitter for Cellular CDMA and PCS Femtocell Applications
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com