Moteur de recherche de fiches techniques de composants électroniques |
|
2-1393114-4 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
2-1393114-4 Fiches technique(HTML) 1 Page - Tyco Electronics |
1 / 3 page General Purpose Relays Industrial Relays KUIP/KUGP Series Panel Plug-in Relay 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 Potter & Brumfield Coil versions, DC coil Coil Rated Operate Coil Rated coil code voltage voltage resistance power VDC VDC Ω±10% W KUIP 5 5 3.75 21 1.2 6 6 4.5 32.1 1.125 12 12 9.0 120 1.2 24 24 18.0 472 1.25 48 48 36.0 1800 1.3 110 110 82.5 10000 1.25 KUGP 5 5 3.75 14 1.8 6 6 4.5 20 1.8 12 12 9.0 80 1.8 24 24 18.0 320 1.8 48 48 36.0 1250 1.85 110 110 82.5 6720 1.8 All figures are given for coil without preenergization, at ambient temperature +23°C. Coil versions, AC coil Coil Rated Operate Coil Rated coil code voltage voltage resistance power VAC VAC Ω±15% VA KUIP 1 and 2 pole 6 6 5.1 6 2.0 12 12 10.2 24 2.0 24 24 20.4 85 2.0 120 120 102.0 2250 2.1 240 240 204.0 9110 2.1 KUIP 3 pole, KUGP 6 6 5.1 4.2 2.8 12 12 10.2 18 2.8 24 24 20.4 72 2.8 120 120 102.0 1700 2.9 240 240 204.0 7200 2.9 All figures are given for coil without preenergization, at ambient temperature +23°C. Insulation Data KUIP KUGP Initial dielectric strength between open contacts 1200Vrms 3500Vrms between contact and coil 2200Vrms 3750Vrms between adjacent contacts 2200Vrms 3750Vrms Initial insulation resistance between insulated elements 100MΩ, 500VDC n 10 amp rated relays n 2 Form A (NO) and 1-3 Form C (CO) contact arrangement n KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap n Various mounting and socket styles Typical applications Voltage control units Approvals UL E22575; CSA LR15734 Technical data of approved types on request Contact Data Contact arrangement KUGP: 2 form A (NO); 3 form A (NO) KUIP: 1 form C (CO), 2 form A (NO), 2 form C (CO), 3 form C (CO) Rated voltage 240VAC Rated current 10A Contact material Ag AgCdO Min recommended contact load 100mA, 12VDC 300mA, 12VDC Frequency of operation 360 ops./hour 360 ops./hour Operate/releases time max. 20/15ms Bounce time max. 20ms Contact ratings Type Load Cycles UL 508 Ag 5A, 240VAC 5A, 28VDC 1/6HP, 120VAC 2.5A, 120VAC, tungsten 1/3HP, 240VAC 0.5A, 120VDC 5FLA, 15LRA, 250VAC AgCdO 10A, 240VAC 10A, 32VDC 5FLA, 15LRA, 250VAC 1/3HP, 120VAC 5A, 120VAC, tungsten 1/2HP, 250VAC 0.5A, 125VDC 10FLA, 40LRA, 125VAC 3A, 600VAC 1/2HP, 480VAC 1/2HP, 600VAC 1HP, 480VAC, 3 phase Mechanical endurance 10x106 ops. Coil Data Coil voltage range 6 to 110VDC 6 to 240VAC Coil insulation system according UL Class B |
Numéro de pièce similaire - 2-1393114-4 |
|
Description similaire - 2-1393114-4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |