Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAWX7X0A-1B Fiches technique(PDF) 4 Page - Seoul Semiconductor

No de pièce SAWX7X0A-1B
Description  Binning and Labeling Connect in AC power with Bridge Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX7X0A-1B Fiches technique(HTML) 4 Page - Seoul Semiconductor

  SAWX7X0A-1B Datasheet HTML 1Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 2Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 3Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 4Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 5Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 6Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 7Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 8Page - Seoul Semiconductor SAWX7X0A-1B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
Rev.
Rev. 01
01
July
July 2012
2012
www.ACRICH.com
www.ACRICH.com
4
Document No. : SSC-QP-7-07-24 (Rev.00)
Tolerance
Color coordinate : ±0.005
CCT : 5% of value
Bin
CHR_X
CHR_Y
CCT(K)
Bin
CHR_X
CHR_Y
CCT( K)
Bin
CHR_X
CHR_Y
CCT( K)
Bin
CHR_X
CHR_Y
CCT(K)
0.2910
0.3093
0.3028
0.3304
0.3200
0.3572
0.3381
0.3740
0.2930
0.3037
0.3041
0.3240
0.3207
0.3462
0.3470
0.3810
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.2976
0.3166
0.3115
0.3393
0.3290
0.3656
0.3376
0.3616
0.2930
0.3037
0.3041
0.3240
0.3207
0.3462
0.3376
0.3616
0.2950
0.2980
0.3055
0.3177
0.3212
0.3389
0.3373
0.3534
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.2950
0.2980
0.3055
0.3177
0.3212
0.3389
0.3373
0.3534
0.2969
0.2919
0.3068
0.3113
0.3217
0.3316
0.3369
0.3451
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.2969
0.2919
0.3068
0.3113
0.3217
0.3316
0.3369
0.3451
0.2988
0.2860
0.3082
0.3046
0.3222
0.3243
0.3366
0.3369
0.3042
0.2922
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.2959
0.3227
0.3082
0.3046
0.3222
0.3243
0.3366
0.3369
0.2976
0.3166
0.3096
0.2980
0.3226
0.3178
0.3364
0.3288
0.3041
0.3240
0.3164
0.3046
0.3295
0.3234
0.3433
0.3345
0.3028
0.3304
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.2976
0.3166
0.3115
0.3393
0.3290
0.3656
0.3470
0.3810
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3572
0.3891
0.3055
0.3177
0.3210
0.3408
0.3376
0.3616
0.3552
0.3760
0.3041
0.3240
0.3205
0.3481
0.3381
0.3740
0.3463
0.3687
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.3068
0.3113
0.3216
0.3334
0.3373
0.3534
0.3539
0.3669
0.3055
0.3177
0.3210
0.3408
0.3376
0.3616
0.3552
0.3760
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3082
0.3046
0.3221
0.3261
0.3369
0.3451
0.3526
0.3578
0.3068
0.3113
0.3216
0.3334
0.3373
0.3534
0.3539
0.3669
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3042
0.2922
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3096
0.2980
0.3225
0.3190
0.3366
0.3369
0.3514
0.3487
0.3082
0.3046
0.3221
0.3261
0.3369
0.3451
0.3526
0.3578
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3164
0.3046
0.3295
0.3234
0.3433
0.3345
0.3230
0.3110
0.3364
0.3288
0.3500
0.3400
0.3225
0.3190
0.3366
0.3369
0.3514
0.3487
5000~
4700K
5600~
5300K
5300~
5000K
5300~
5000K
5300~
5000K
5300~
5000K
5300~
5000K
5000~
4700K
5000~
4700K
5000~
4700K
5000~
4700K
6500~
6000K
6000~
5600K
6000~
5600K
6000~
5600K
6000~
5600K
6000~
5600K
5600~
5300K
5600~
5300K
5600~
5300K
5600~
5300K
7000~
6500K
7000~
6500K
7000~
6500K
7000~
6500K
7000~
6500K
6500~
6000K
6500~
6000K
6500~
6000K
6500~
6000K
7600~
7000K
7600~
7000K
7600~
7000K
7600~
7000K
8200~
7600K
8200~
7600K
8200~
7600K
8200~
7600K
Z 6
Z 1
B6
A8
7600~
7000K
Z 7
A5
Z 5
A3
Z 9
A7
Z 2
A0
Z 4
A2
B8
Z 8
A6
Z 3
A1
C8
B0
C0
C2
B4
C4
B2
A4
B1
C1
B9
C9
A9
B7
C7
B3
C3
C6
B5
C5
2. Pure White CIE
Pure white product tested and binned by x,y coordinates and CCT
- A7 Pure white bin structure
· Example
BIN CODE : X2A0C
Color bin


Numéro de pièce similaire - SAWX7X0A-1B

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX5B0X SEOUL-SAWX5B0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5D0X SEOUL-SAWX5D0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X-1A SEOUL-SAWX5X0X-1A Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
More results

Description similaire - SAWX7X0A-1B

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
ON Semiconductor
AFGY120T65SPD-B4 ONSEMI-AFGY120T65SPD-B4 Datasheet
1Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
AFGY160T65SPD-B4 ONSEMI-AFGY160T65SPD-B4 Datasheet
2Mb / 11P
   Field Stop Trench IGBT With Soft Fast Recovery Diode and VCESAT, VTH Binning
June, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com