Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAWX5X0X-1A Fiches technique(PDF) 8 Page - Seoul Semiconductor

No de pièce SAWX5X0X-1A
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX5X0X-1A Fiches technique(HTML) 8 Page - Seoul Semiconductor

Back Button SAWX5X0X-1A Datasheet HTML 4Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 5Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 6Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 7Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 8Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 9Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 10Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 11Page - Seoul Semiconductor SAWX5X0X-1A Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Rev. 01
Rev. 01
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
8
Document No. : SSC-QP-7-07-24 (Rev.00)
- A5 Warm White binning structure graphical representation
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.36
0.38
0.40
0.42
0.44
2600K
2700K
2900K
3000K
3200K
3500K
CIE x
3700K
F8
F9
F0
F1
F2
F3
F4
F5
F6
F7
G8
G9
G0
G1
G2
G3
G4
G5
G6 G7
H8
H9
H0
H1
H2
H3
H4
H5
H6
H7
Energy Star Rank
Energy Star Rank
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.36
0.38
0.40
0.42
0.44
2600K
2700K
2900K
3000K
3200K
3500K
CIE x
3700K
F8
F9
F0
F1
F2
F3
F4
F5
F6
F7
G8
G9
G0
G1
G2
G3
G4
G5
G6 G7
H8
H9
H0
H1
H2
H3
H4
H5
H6
H7
Energy Star Rank
Energy Star Rank


Numéro de pièce similaire - SAWX5X0X-1A

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1A SEOUL-SAWX7X0A-1A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1B SEOUL-SAWX7X0A-1B Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1C SEOUL-SAWX7X0A-1C Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results

Description similaire - SAWX5X0X-1A

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com