Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9467BCPZ-250 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9467BCPZ-250
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9467BCPZ-250 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9467BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 9Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 10Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 11Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 12Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 13Page - Analog Devices AD9467BCPZ-250 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 10 of 32
Pin No.
Mnemonic
Description
36
D15+/D14+
D15 (MSB) and D14 Digital Output True.
27
DCO−
Data Clock Digital Output Complement.
28
DCO+
Data Clock Digital Output True.
39
OR−
Out-of-Range Digital Output Complement.
40
OR+
Out-of-Range Digital Output True.
47
DNC
Do Not Connect (Leave Pin Floating).
48
SDIO
Serial Data Input/Output.
49
SCLK
Serial Clock.
50
CSB
Chip Select Bar.
57
XVREF
External VREF Option.


Numéro de pièce similaire - AD9467BCPZ-250

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9467BCPZ-250 AD-AD9467BCPZ-250 Datasheet
985Kb / 34P
   Analog-to-Digital Converter
More results

Description similaire - AD9467BCPZ-250

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com