Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9467BCPZRL7-200 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD9467BCPZRL7-200
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9467BCPZRL7-200 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD9467BCPZRL7-200 Datasheet HTML 5Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 6Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 7Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 8Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 9Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 10Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 11Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 12Page - Analog Devices AD9467BCPZRL7-200 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD9467
Rev. D | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD1
AVDD1
AVDD1
AVDD1
CLK+
CLK–
AVDD1
AVDD1
AVDD1
AGND
AVDD1
AVDD1
AVDD1
AGND
AVDD1
AGND
17
DRGND
18
DRVDD
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
AVDD1
AVDD1
AVDD1
SPIVDD
CSB
SCLK
SDIO
DNC
AVDD1
AGND
AVDD3
AGND
AVDD3
AGND
OR+
OR–
DRGND
DRVDD
NOTES
1. DNC = DO NOT CONNECT.
2. EXPOSED THERMAL PAD MUST BE CONNECTED TO AGND.
PIN 1
INDICATOR
AD9467
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration, Top View
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Paddle. The exposed paddle must be connected to AGND.
10, 14, 16, 41, 43, 45
AGND
Analog Ground.
1, 2, 3, 4, 7, 8, 9, 11, 12, 13, 15, 46, 52, 53, 54, 55,
56, 58, 59, 60, 61, 62, 63, 70, 71, 72
AVDD1
1.8 V Analog Supply.
64, 65, 68, 69
AVDD2
3.3 V Analog Supply.
42, 44
AVDD3
1.8 V Analog Supply.
51
SPIVDD
1.8 V or 3.3 V SPI Supply
17, 38
DRGND
Digital Output Driver Ground.
18, 37
DRVDD
1.8 V Digital Output Driver Supply.
67
VIN−
Analog Input Complement.
66
VIN+
Analog Input True.
6
CLK−
Clock Input Complement.
5
CLK+
Clock Input True.
19
D1−/D0−
D1 and D0 (LSB) Digital Output Complement.
20
D1+/D0+
D1 and D0 (LSB) Digital Output True.
21
D3−/D2−
D3 and D2 Digital Output Complement.
22
D3+/D2+
D3 and D2 Digital Output True.
23
D5−/D4−
D5 and D4 Digital Output Complement.
24
D5+/D4+
D5 and D4 Digital Output True.
25
D7−/D6−
D7 and D6 Digital Output Complement.
26
D7+/D6+
D7 and D6 Digital Output True.
29
D9−/D8−
D9 and D8 Digital Output Complement.
30
D9+/D8+
D9 and D8 Digital Output True.
31
D11−/D10−
D11 and D10 Digital Output Complement.
32
D11+/D10+
D11 and D10 Digital Output True.
33
D13−/D12−
D13 and D12 Digital Output Complement.
34
D13+/D12+
D13 and D12 Digital Output True.
35
D15−/D14−
D15 (MSB) and D14 Digital Output Complement.


Numéro de pièce similaire - AD9467BCPZRL7-200

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9467BCPZRL7-200 AD-AD9467BCPZRL7-200 Datasheet
985Kb / 34P
   Analog-to-Digital Converter
More results

Description similaire - AD9467BCPZRL7-200

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
   10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
   10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com