Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3005ITD1033TP Fiches technique(PDF) 1 Page - Touchstone Semiconductor Inc

No de pièce TS3005ITD1033TP
Description  A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3005ITD1033TP Fiches technique(HTML) 1 Page - Touchstone Semiconductor Inc

  TS3005ITD1033TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS3005
Page 1
© 2013 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1.35
μA at 49Hz
 Supply Voltage Operation: 1.55V to 5.25V
 Single Resistor Sets FOUT at 50% Duty Cycle
 3-pin User-Programmable FOUT Period:
1.7m
s ≤ t
FOUT ≤ 33hrs
 FOUT Period Accuracy: 3%
 FOUT Period Drift: 0.02%/ºC
 Single Resistor Sets Output Frequency
 Separate PWM Control and Buffered Output
 FOUT/PWMOUT Output Driver Resistance:
160Ω
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Micropower Replacement for Crystal and
Ceramic Oscillators
Micropower Pulse-width Modulation Control
Micropower Pulse-position Modulation Control
Micropower Clock Generation
Micropower Sequential Timing
DESCRIPTION
The TS3005 is a single-supply, second-generation
Touchstone Semi oscillator/timer fully specified to
operate at a supply voltage range of 1.55V to 5.25V
while
consuming
less
than
1.5
μA(max) supply
current. Requiring only a resistor to set the base
output frequency (or output period) at 49Hz (or
20.5ms)
with
a
50%
duty cycle,
the
TS3005
timer/oscillator is compact, easy-to-use, and versatile.
Optimized
for
ultra-long
life,
low
frequency,
battery-powered/portable applications, the TS3005
joins the TS3001, TS3002, TS3003, TS3004, and
TS3006 in Touchstone’s CMOS timer family in its
“NanoWatt Analog™” series of high-performance
analog integrated circuits.
The TS3005 output period can be user-adjusted from
1.7ms to 33hrs without additional components. In
addition, the TS3005 represents a 25% reduction in
pcb area and a factor-of-10 lower power consumption
over
other
CMOS-based
integrated
circuit
oscillators/timers. When compared against industry-
standard 555-timer-based products, the
TS3005
offers up to 84% reduction in pcb area and over three
orders of magnitude lower power consumption.
The TS3005 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
10-pin 3x3mm TDFN package with an exposed
back-side paddle.
A 1.55V to 5.25V, 1.35µA, 1.7ms to 33hrs Silicon Timer
TYPICAL APPLICATION CIRCUIT
TS3005, 5 Weeks and 5 Days Counter Circuit
The Touchstone Semiconductor logo
and “NanoWatt Analog” are
registered trademarks of Touchstone Semiconductor, Incorporated.


Numéro de pièce similaire - TS3005ITD1033TP

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS3005ITD1033T SILABS-TS3005ITD1033T Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
More results

Description similaire - TS3005ITD1033TP

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com