Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3005ITD1033TP Fiches technique(PDF) 7 Page - Touchstone Semiconductor Inc

No de pièce TS3005ITD1033TP
Description  A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3005ITD1033TP Fiches technique(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS3005ITD1033TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS3005ITD1033TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS3005
TS3005DS r1p0
Page 7
RTFDS
BLOCK DIAGRAM
THEORY OF OPERATION
The TS3005 is a user-programmable oscillator where
the period of the square wave at its FOUT terminal is
generated by an external resistor connected to the
RSET pin. The output period is given by:
t O T (s =
8
V2 0 x RS T x 512
1.08 11
Equation 1. FOUT Frequency Calculation where
FDIV2:0 = 0 to 7
RSET (MΩ)
tFOUT
0.360
59.67min
1
1.09hrs
2.49
6.87hrs
4.32
11.93hrs
6.81
18.81hrs
9.76
26.93hrs
12
33.1hrs
Table 2: tFOUT vs RSET for FDIV2:0 = 111(7)
FDIV
2:0
tFOUT(s)
FOUT (Hz)
ICPWM
(A)
000
1.7ms-56.88ms
586-17.578
001
13.65ms-455.16ms
73.25-2.197
010
109.17ms-3.64
9.16-0.2746
100n
011
877.19ms-29.15
1.14-0.0343
100n
100
7.01-233.1
0.143-0.00429
100n
101
55.94-31.09min
0.0178-0.536mHz
100n
110
7.49min-4.146hrs
0.0022-0.0670mHz
100n
111
59.67min-33.1hrs
0.279mHz-8.381µHz
100n
Table 1: FOUT and PWMOUT Frequency Range per FDIV2:0 Combination


Numéro de pièce similaire - TS3005ITD1033TP

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS3005ITD1033T SILABS-TS3005ITD1033T Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
More results

Description similaire - TS3005ITD1033TP

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
   2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com