Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXO-292D Fiches technique(PDF) 1 Page - Kyocera Kinseki Corpotation

No de pièce CXO-292D
Description  Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CXO-292D Fiches technique(HTML) 1 Page - Kyocera Kinseki Corpotation

  CXO-292D Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Output frequency of 1 to 52MHz is
available
• Clock crystal oscillator for industrial
equipment
Standard frequency
• 27MHz
How to Order
FO 27.0000000 M
□□□□□□□
①Function
FO
→CXO
② Output Frequency
③Frequency Unit
M
→MHz
④ Individual Specification
Frequency tolerance
Model name Frequency
tolerance ×10-6
1pin
connection
CXO-292A
±100
NC
CXO-292B
Enable/ Disable
CXO-292C
±50
NC
CXO-292D
Enable/ Disable
CXO-292E
±25
NC
CXO-292F
Enable/ Disable
CXO-292G
±20
NC
CXO-292H
Enable/ Disable
RoHS Compliant
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Frequency Range
fO
1
52
MHz
Frequency tolerance
f_tol
Initial tolerance and Temperature charactoristic
Figure 1
×10-6
Storage Temperature Range
T_stg
-20
+85
°C
Operating Temperature Range
T_use
-10
+70
°C
Supply Voltage
VCC
4.75
5.25
V
Current Consumption
ICC
45
mA
Frequency Aging
f_age
1 year
-5
+5
×10-6
CMOS Load
L_CMOS
15
pF
Low Level Output Voltage
VOL
10% VCC
V
High Level Output Voltage
VOH
90% VCC
V
Symmetry
Symmetry @50% VCC
40
60
%
Low Level Input Voltage
VIL
Only Enable/ Disablefunctionat1pinconnection
30% VCC
V
High Level Input Voltage
VIH
Only Enable/ Disablefunctionat1pinconnection
70% VCC
V
Dimensions
(Unit: mm)
20.8 max.
15.24±0.5
4−φ0.45±0.2
12.20±0.5
7.62±0.5
CXO-292H
27.0000MHz
0501
● KC JAPAN
No. 14
Pin
No. 1
Pin
No. 7
Pin
No. 8
Pin
Pin Connection
No. 1 NC or Enable/ Disable
No. 7 GND
No. 8 OUTPUT
No.14 VCC
Enable/ Disable Function
Pin 1
Pin 8
Open
Active
"H" Level
Active
"L" Level High Z (OUTPUT Stop)
Simple Packaged Crystal Oscillators
CXO-292 Series


Numéro de pièce similaire - CXO-292D

FabricantNo de pièceFiches techniqueDescription
logo
IQD Frequency Products ...
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
   Crystal Clock Oscillator Specification
logo
Kyocera Kinseki Corpota...
CXO-328 KSS-CXO-328 Datasheet
141Kb / 1P
   Output frequency of 12 to 40MHz is available Clock crystal oscillator for industrial equipment
CXO-328A KSS-CXO-328A Datasheet
141Kb / 1P
   Output frequency of 12 to 40MHz is available Clock crystal oscillator for industrial equipment
CXO-328B KSS-CXO-328B Datasheet
141Kb / 1P
   Output frequency of 12 to 40MHz is available Clock crystal oscillator for industrial equipment
logo
IQD Frequency Products ...
CXO-5.0V IQD-CXO-5.0V Datasheet
188Kb / 3P
   Crystal Clock Oscillator Specification
More results

Description similaire - CXO-292D

FabricantNo de pièceFiches techniqueDescription
logo
Kyocera Kinseki Corpota...
CXO-328 KSS-CXO-328 Datasheet
141Kb / 1P
   Output frequency of 12 to 40MHz is available Clock crystal oscillator for industrial equipment
VCXO-290 KSS-VCXO-290 Datasheet
135Kb / 1P
   Output frequency of 12 to 36MHz is available
VCXO-293A KSS-VCXO-293A Datasheet
144Kb / 1P
   Output frequency of 1.544 to 32.768MHz is available
VCXO-294A KSS-VCXO-294A Datasheet
149Kb / 1P
   Output frequency of 32.768 to 100MHz is available
logo
NIHON DEMPA KOGYO
2560 NDK-2560 Datasheet
90Kb / 1P
   Crystal Clock Oscillator High Frequency-supporting Type
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
   Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
   Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
   Crystal Clock Oscillator
logo
List of Unclassifed Man...
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
   Crystal Clock Oscillator
HS360 ETC1-HS360 Datasheet
78Kb / 2P
   Crystal Clock Oscillator
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com