Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16LT1 Fiches technique(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

No de pièce BAS16LT1
Description  SOT-23 Plastic-Encapsulate Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Site Internet  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

BAS16LT1 Fiches technique(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  BAS16LT1 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 4
1. 3
SWITCHING DIODE
FEATURES
Power dissipation
PD:
225
mW (Tamb=25
℃)
Forward Current
IF:
200
m A
Reverse Voltage
VR:
75
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
IR= 100µA
75
V
Reverse voltage
leakage current
IR
VR=75V
1
µA
Forward
voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Diode
capacitance
CD
VR=0V, f=1MHz
2
pF
Reverse recovery time
t r r
6
nS
Unit: mm
SOT-23
Marking
A6
KI SEMICONDUCTOR CO.
SOT-23 Plastic-Encapsulate Diodes
BAS16LT1


Numéro de pièce similaire - BAS16LT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BAS16LT1 MOTOROLA-BAS16LT1 Datasheet
79Kb / 4P
   CASE 31808, STYLE 8 SOT23 (TO236AB)
logo
ON Semiconductor
BAS16LT1 ONSEMI-BAS16LT1 Datasheet
45Kb / 4P
   Switching Diode
May, 2004 ??Rev. 3
logo
Leshan Radio Company
BAS16LT1 LRC-BAS16LT1 Datasheet
50Kb / 2P
   Switching Diode
logo
ON Semiconductor
BAS16LT1 ONSEMI-BAS16LT1 Datasheet
53Kb / 4P
   Switching Diode
January, 2006 ??Rev. 5
logo
TRANSYS Electronics Lim...
BAS16LT1 TEL-BAS16LT1 Datasheet
61Kb / 1P
   Plastic-Encapsulated Diodes
More results

Description similaire - BAS16LT1

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu High diode Semi...
DAN202 HDSEMI-DAN202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V3 MAKOSEMI-BZX84C3V3 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS19 HDSEMI-BAS19 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
BAV23A HDSEMI-BAV23A Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS187 KISEMICONDUCTOR-1SS187 Datasheet
69Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
1SS193 TGS-1SS193 Datasheet
393Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
MMBD4148 WILLAS-MMBD4148 Datasheet
394Kb / 3P
   SOT-23 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
1SS181 KISEMICONDUCTOR-1SS181 Datasheet
60Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
1SS193 KISEMICONDUCTOR-1SS193 Datasheet
77Kb / 1P
   SOT-23 Plastic-Encapsulate Diodes
logo
Microdiode Electronics ...
MMBD4148A CHENDA-MMBD4148A Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com