Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AD8362-EVAL Datasheet(Fiches technique) 33 Page - Analog Devices

Numéro de pièce AD8362-EVAL
Description  50 Hz to 2.7 GHz 60 dB TruPwr™ Detector
Télécharger  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

 
 33 page
background image
AD8362
Rev. B | Page 33 of 36
Figure 70. Component Side Metal of Evaluation Board
Figure 71. Component Side Silkscreen of Evaluation Board
Table 6. Evaluation Board Configuration Options
Component
Function
Part Number
Default Value
T1
M/A-COM ETC1.6-4-2-3
C1
Supply filtering/decoupling capacitor
0.1 µF
C2
Supply filtering/decoupling capacitor
100 pF
C3
Output low-pass filter capacitor
0.1 µF
C9
Output low-pass filter capacitor
(normally omitted, not installed)
C4, C7, C10
Input bias-point decoupling capacitors
1000 pF
C5, C6
Input signal coupling capacitors
100 pF
C8
Input high-pass filter capacitor
1000 pF
DUT
AD8362
AD8362ARU
R1, R4, R6, R7, R8, R10, R15
Jumpers
0 Ω
R5, R9, R13
Optional pull-down resistors
10 kΩ
R16
Not installed, see text
100 Ω
R17
Slope adjustment (not installed, see text)
(See text)
RA
Not installed, see text
25 Ωor 0 Ω
RB
Not installed, see text
33 Ω
RC
Not installed, see text
0 Ω
SW1
Internal/external target voltage selector
SW2
Measurement mode/controller mode selector
SW3
Power-down/enable or external power-down selector




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AD8361LF to 2.5 GHz TruPwr™ Detector 1 2 3 4 5 MoreAnalog Devices
PH2729-8.5MRadar Pulsed Power Transistor 8.5W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 2 Tyco Electronics
AD83181 MHz - 8 GHz 60 dB Logarithmic Detector/Controller 1 2 3 4 5 MoreAnalog Devices
PH2729-110MRadar Pulsed Power Transistor 110W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 2 Tyco Electronics
AD8302LF.2.7 GHz RF/IF Gain and Phase Detector 1 2 3 4 5 MoreAnalog Devices
PH2729-130MRadar Pulsed Power Transistor 130W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 Tyco Electronics
TD7627FN30WIRE AND I2C BUS SYSTEM 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV 1 2 3 4 5 MoreToshiba Semiconductor
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
UPC2745T3 V 2.7 GHz Si MMIC WIDEBAND AMPLIFIER 1 2 3 4 5 NEC
ADL550150 MHz to 4 GHz TruPwr Detector 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl