Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AD8362-EVAL Datasheet(Fiches technique) 31 Page - Analog Devices

Numéro de pièce AD8362-EVAL
Description  50 Hz to 2.7 GHz 60 dB TruPwr™ Detector
Télécharger  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

 31 page
background image
AD8362
Rev. B | Page 31 of 36
Table 5. Suggested Values for Use in Scheme of Figure 63
R1 (Ω)
R2 (Ω)
VSLP' (V/decade)
VZ' (mV)
KC (m)
O/C
S/C
0.868
0.334
11.3
1904
96
0.870
0.336
10.4
1346
654
0.890
0.333
6.5
872
1128
0.914
0.340
3.7
480
1520
0.942
0.355
1.5
200
1800
0.972
0.380
0.5
HIGH SLOPE DETECTORS CENTERED ON A
NARROW WINDOW
The situation often arises in system monitoring in which an
input signal varies by much less than 60 dB, and the highest
possible sensitivity and accuracy of measurement is required
within a narrow window of input magnitudes. Adapting the
AD8362 to this task requires that the slope be increased and the
intercept repositioned. Using an attenuator from VOUT to
VSET, any slope >50 mV/dB can be realized. Then, using a
fraction of VREF (or external reference voltage), the particular
region of the dynamic range to be measured can be positioned
wherever desired. In these high slope applications, the full rail-
to-rail output swing of the AD8362 can be exploited.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
VOUT
R2
R1
INTERCEPT OFFSET
VOLTAGE, VSHIFT
SLOPE
R1
R2
(V/dec)
(k
Ω)(kΩ)
2
4.02
4.32
4
8.66
3.01
5
8.66
2.15
10
9.1
1.02
Figure 65. Slope and Intercept Adjustment
Figure 65 shows the basic connections for this mode of use; the
intercept repositioning voltage VSHIFT can be introduced by
adding a third resistor from VREF to VSET with recalculated
values of R1 and R2 or by using an external voltage source.
Figure 66 presents the simulation results for a log slope of
100 mV/dB (2 V/dec) covering two-decade spans over several
sub-ranges, while Figure 67 shows the results for a slope of
200 mV/dB (4 V/dec), providing just a one-decade span.
To accurately reposition the range (intercept) when very high
slopes are used, a low output impedance DAC can be used to
provide VSHIFT. Figure 68 shows simulated results for a slope of
500 mV/dB (10 V/dec) presuming this configuration. In all
cases, the fixed-pattern ripple in the log conformance remains
unchanged in dB terms. Residual fluctuations due to insufficient
averaging (in low frequency applications) are likewise
unaffected in their equivalent decibel value, though greater in
absolute voltage terms.
RMS INPUT VOLTAGE (V)
100
µ
1m
10m
10
–30
0
10
30
0
1
3
4
0.1
1
2
20
–20
–10
Figure 66. Illustrative Results for Slope of 100 mV/dB
RMS INPUT VOLTAGE (V)
100
µ
1m
10m
10
–30
0
10
30
0
1
3
4
0.1
1
2
20
–20
–10
Figure 67. Illustrative Results for Slope of 200 mV/dB
RMS INPUT VOLTAGE (V)
100
µ
1m
10m
10
–30
0
10
30
0
1
3
4
0.1
1
2
20
–20
–10
Figure 68. Illustrative Results for Slope of 10 mV/dec




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AD8361LF to 2.5 GHz TruPwr™ Detector 1 2 3 4 5 MoreAnalog Devices
PH2729-8.5MRadar Pulsed Power Transistor 8.5W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 2 Tyco Electronics
AD83181 MHz - 8 GHz 60 dB Logarithmic Detector/Controller 1 2 3 4 5 MoreAnalog Devices
PH2729-110MRadar Pulsed Power Transistor 110W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 2 Tyco Electronics
AD8302LF.2.7 GHz RF/IF Gain and Phase Detector 1 2 3 4 5 MoreAnalog Devices
PH2729-130MRadar Pulsed Power Transistor 130W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 Tyco Electronics
TD7627FN30WIRE AND I2C BUS SYSTEM 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV 1 2 3 4 5 MoreToshiba Semiconductor
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
UPC2745T3 V 2.7 GHz Si MMIC WIDEBAND AMPLIFIER 1 2 3 4 5 NEC
ADL550150 MHz to 4 GHz TruPwr Detector 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl