Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AD8362-EVAL Datasheet(Fiches technique) 34 Page - Analog Devices

Numéro de pièce AD8362-EVAL
Description  50 Hz to 2.7 GHz 60 dB TruPwr™ Detector
Télécharger  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

 
 34 page
background image
AD8362
Rev. B | Page 34 of 36
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 72. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8362ARU
−40°C to +85°C
16-Lead TSSOP, Tube
RU-16
AD8362ARU-REEL7
−40°C to +85°C
16-Lead TSSOP, 7" Tape and Reel
RU-16
AD8362ARUZ1
−40°C to +85°C
16-Lead TSSOP, Tube
RU-16
AD8362ARUZ-REEL71
−40°C to +85°C
16-Lead TSSOP, 7" Tape and Reel
RU-16
AD8362-EVAL
Evaluation Board
1 Z = Pb-free part.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AD8361LF to 2.5 GHz TruPwr™ Detector 1 2 3 4 5 MoreAnalog Devices
PH2729-8.5MRadar Pulsed Power Transistor 8.5W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 2 Tyco Electronics
AD83181 MHz - 8 GHz 60 dB Logarithmic Detector/Controller 1 2 3 4 5 MoreAnalog Devices
PH2729-110MRadar Pulsed Power Transistor 110W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 2 Tyco Electronics
AD8302LF.2.7 GHz RF/IF Gain and Phase Detector 1 2 3 4 5 MoreAnalog Devices
PH2729-130MRadar Pulsed Power Transistor 130W 100us Pulse 10% Duty 2.7 - 2.9 GHz 1 Tyco Electronics
TD7627FN30WIRE AND I2C BUS SYSTEM 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV 1 2 3 4 5 MoreToshiba Semiconductor
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
UPC2745T3 V 2.7 GHz Si MMIC WIDEBAND AMPLIFIER 1 2 3 4 5 NEC
ADL550150 MHz to 4 GHz TruPwr Detector 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl