Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMX-503-0512 Fiches technique(PDF) 2 Page - SL Power Electronics

No de pièce DMX-503-0512
Description  500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SLPOWER [SL Power Electronics]
Site Internet  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DMX-503-0512 Fiches technique(HTML) 2 Page - SL Power Electronics

  DMX-503-0512 Datasheet HTML 1Page - SL Power Electronics DMX-503-0512 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
SPECIFICATIONS: ALL MODELS
INPUT
DC Input: 40-60 Vdc range. Internally fused for 25 A.
Efficiency: 75% typical.
OUTPUT
Adjustability: Outputs #1 and 2 user adjustable ±5% minimum. Output #3 tracks #2; initial
accuracy ±4%. Output #4 user adjustable ±5% minimum.
Line & Load Reg: Outputs #1, 2, and 4 hold ±1% over DC input range and 0 to 100% load
change. Output #3 requires 20% minimum load on outputs #2 and 3 to hold ±4%.
Ripple & Noise: Less than 1% p-p or 100 mV, whichever is greater.
Remote Sense (Outputs #1 and 2): Compensates for 250 mV total line drop. Open sense lead
protection. (See Redundancy, below.)
Temperature Coefficient (Outputs #1, 2, and 4): 0.02% per degree C.
Stability: 0.1% over 8 hours after 30 minutes warm-up.
Transient Response (Outputs #1, 2, and 4): Output voltage returns to within 1% in less than
500 µs for a 50% load change. Peak transient does not exceed 5%.
Overload Protection: All outputs are protected against overload and short circuit. Automatic
recovery upon removal of fault.
Overvoltage Protection (Outputs #1 and 2): Protects load against power supply induced over-
voltage. Trip point is factory set so that output voltage cannot exceed 136% of nominal.
Peak Output Current: Dual current ratings define continuous and peak currents. The peak cur-
rent shown can be delivered for a maximum period of 30 seconds.
Remote Inhibit: Contact closure to the negative sense line or a TTL level “0” turns off DC
outputs.
Redundancy: External OR-ing diodes and forced current sharing on output #1 provide “N+1”
capability. Remote sense (+S) compensates for additional 0.6 V diode voltage drop.
When the current sharing terminal is connected among units, current sharing remains
within 10% of the unit’s full output current rating.
DC Power Good: Provides a TTL “1” open collector when output #1 is above 4.6 V nominal.
Reverse Voltage: Protected against reverse voltage up to supply current rating.
ENVIRONMENTAL
Thermal Protection: Shuts down power supply if overheated. Automatic recovery.
Temperature Range: 0° to 50°C at full ratings.
Safety Agencies: Most models are approved to UL1950; CSA 22.2 #234; IEC 950 and TÜV
EN60950, Class 1 SELV., CE 72/23/EEC/93/68EEC (low voltage directive).
Conducted RFI: Meets FCC Part 15, Subpart J, Class A; EN55022 Class B; CISPR 22 Class B.
Cooling: 30 CFM required to achieve full ratings.
Output Isolation: Isolated from ground 50 Vdc.
OPTIONS:
Option “F”, Fan/Cover Assembly: Cover with integral ball-bearing fan provides proper cool-
ing to achieve full ratings at 50°C ambient temperature. 2.10” dimension increases to 3.31”.
Option “V”, Fan/Cover Assembly: Low profile, end venting cover with integral ball-bearing fan.
2.10” dimension increases to 2.50”, and 9.65” dimension increases to 11”.
Consult factory for other available options.
FUNCTION
48 Vdc
CONNECTOR
TB1-
-48 VDC Input
TB1-
-48 VDC Return
TB1-
Safety Ground
DC INPUT
FUNCTION
LOCATION
NOTES
CONNECTOR
Output #1
Terminal marked +V
Main Output
Terminal marked -V
Rtn (Common)
Output #2
J1-5, 10
J1-4, 9
Rtn (Common)
Output #3
J1-3, 8
J1-4, 9
Rtn (Common)
Output #4
J1-2, 7
(+) Floating
Output
J1-1, 6
(–) Floating
Output
DC OUTPUT
AMP #770743-1
mates with connector
#770580-1 with
sockets #171639-1
Bus bars
#8-32 screws
Barrier strip
#6-32 screws
3/8” centers
FUNCTION
LOCATION
NOTES
CONNECTOR
Remote Sense
J2-2
Output #1 Sense
J2-1
Output #1 Sense Rtn
J2-8
Output #2 Sense
J2-7
Output #2 Sense Rtn
DC Power Good
J2-3
Reference to Common
Inhibit
J2-5
Reference to Common
when #1 Sense Rtn
is terminated.
Current Share
J2-6
Aux. Fan Voltage
J3-1
+12V @ 0.5A Output
(Not available with
J3-2
Rtn (Common)
“V” or “F” options)
STATUS AND CONTROL
AMP MTA type
#640456-8 pin
header (locking)
AMP MTA type
#640456-2 pin
header (locking)
DMX-500
3.7 lbs - 1.7 kgs
Dimensions:
Inches
Millimeters
500 WATTS
9.65”x 5”x 2.10”
DMX-500
(– )
(+)
( )
DMX-500 with Option F
3.9 lbs - 1.8 kgs


Numéro de pièce similaire - DMX-503-0512

FabricantNo de pièceFiches techniqueDescription
logo
Vecow Co., Ltd.
DMX-100 VECOW-DMX-100 Datasheet
367Kb / 1P
   Mini PCIe 32-bit GPIO Card
DMX-110 VECOW-DMX-110 Datasheet
367Kb / 1P
   Mini PCIe 32-bit GPIO Card
logo
Adam Technologies, Inc.
DMX-XX-V0 ADAM-TECH-DMX-XX-V0 Datasheet
81Kb / 1P
   909 Rahway Avenue
More results

Description similaire - DMX-503-0512

FabricantNo de pièceFiches techniqueDescription
logo
SL Power Electronics
NMX-500 SLPOWER-NMX-500 Datasheet
123Kb / 2P
   500 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
SPF-500 SLPOWER-SPF-500 Datasheet
71Kb / 2P
   500-1000 Watts Single Output, Forced Current Sharing
NMX-750 SLPOWER-NMX-750 Datasheet
82Kb / 2P
   750 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
NMX-1000 SLPOWER-NMX-1000 Datasheet
72Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
TMX-350 SLPOWER-TMX-350 Datasheet
91Kb / 2P
   350 WATTS MULTIPLE OUTPUT 48 VDC INPUT, HOT SWAP
MPS-350 SLPOWER-MPS-350 Datasheet
80Kb / 2P
   350 WATTS MULTIPLE OUTPUT, SLOPE PROGRAM CURRENT SHARING
DCT-250 SLPOWER-DCT-250 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
MAX-400 SLPOWER-MAX-400 Datasheet
97Kb / 2P
   400, 500 WATTS MULTIPLE OUTPUT
logo
Wall Industries,Inc.
PSRL5017R5-I WALL-PSRL5017R5-I Datasheet
341Kb / 3P
   Up to 500 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com