Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7491182124 Fiches technique(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 7491182124
Description  Off-line transformer WE-UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7491182124 Fiches technique(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7491182124 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7491182124 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bezeichnung :
Netzteil-Übertrager WE-UNIT
description :
Off-line transformer WE-UNIT
DATUM / DATE : 2006-07-26
H Schaltbild / Schematics
TBr
2006-07-26
Name
Datum / date
Spezifikation für Freigabe / specification for release
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
Datum / date
Unterschrift / signature
..................................................................................
..................................................................................
Artikelnummer / part number :
7491182124
http://www.we-online.com
...............................................
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Version 1
Änderung / modification
..................................................
Geprüft / checked
Kontrolliert / approved
Kunde / customer :
3
1
7
8
W1
120-385V
W2
24V 0,4A
Screen
1
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is
the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 2 VON 2


Numéro de pièce similaire - 7491182124

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7491182112 WURTH-7491182112 Datasheet
118Kb / 2P
   Off-line transformer WE-UNIT
749118215 WURTH-749118215 Datasheet
120Kb / 2P
   Spezifikation f체r Freigabe specification for release
More results

Description similaire - 7491182124

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7491181112 WURTH-7491181112 Datasheet
126Kb / 2P
   Off-line transformer WE-UNIT
760871038 WURTH-760871038 Datasheet
106Kb / 2P
   Off-line transformer WE-UNIT
7491181124 WURTH-7491181124 Datasheet
126Kb / 2P
   Off-line transformer WE-UNIT
7491182112 WURTH-7491182112 Datasheet
118Kb / 2P
   Off-line transformer WE-UNIT
760871131 WURTH-760871131 Datasheet
177Kb / 2P
   Off-line transformer WE-UNIT
7491182012 WURTH-7491182012 Datasheet
82Kb / 2P
   Off-line transformer WE-UNIT
7491181012 WURTH-7491181012 Datasheet
119Kb / 2P
   Off-line transformer WE-UNIT
7491181024 WURTH-7491181024 Datasheet
119Kb / 2P
   Off-line transformer WE-UNIT
7491182024 WURTH-7491182024 Datasheet
81Kb / 2P
   Off-line transformer WE-UNIT
logo
PCA ELECTRONICS INC.
EPC3090-1 PCA-EPC3090-1 Datasheet
35Kb / 1P
   Off-Line PC Mount Transformer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com