Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD717LT1 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MMBD717LT1
Description  Common Anode Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD717LT1 Fiches technique(HTML) 1 Page - Motorola, Inc

  MMBD717LT1 Datasheet HTML 1Page - Motorola, Inc MMBD717LT1 Datasheet HTML 2Page - Motorola, Inc MMBD717LT1 Datasheet HTML 3Page - Motorola, Inc MMBD717LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5–1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Common Anode
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Extremely Low Forward Voltage — 0.28 Volts (Typ) @ IF = 1 mAdc
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
20
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
200
1.6
mW
mW/
°C
Operating Junction
Temperature Range
TJ
– 55 to +150
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
MMBD717LT1 = B3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 µA)
V(BR)R
20
Volts
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
2.0
2.5
pF
Reverse Leakage
(VR = 10 V)
IR
0.05
1.0
µAdc
Forward Voltage
(IF = 1.0 mAdc)
VF
0.28
0.37
Vdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Thermal Clad is a registered trademark of the Bergquist Company.
Order this document
by MMBD717LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBD717LT1
Motorola Preferred Device
20 VOLT
SCHOTTKY BARRIER
DETECTOR AND SWITCHING
DIODES
1
2
3
CASE 419 – 02, STYLE 2
SOT– 323 (SC – 70)
© Motorola, Inc. 1997
ANODE
3
CATHODE
1
2
CATHODE
REV 3


Numéro de pièce similaire - MMBD717LT1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBD717LT1 ONSEMI-MMBD717LT1 Datasheet
57Kb / 8P
   Common Anode Schottky Barrier Diodes
November, 2001 ??Rev. 6
MMBD717LT1 ONSEMI-MMBD717LT1 Datasheet
51Kb / 3P
   20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
February, 2006 ??Rev. 7
MMBD717LT1D ONSEMI-MMBD717LT1D Datasheet
57Kb / 8P
   Common Anode Schottky Barrier Diodes
November, 2001 ??Rev. 6
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
51Kb / 3P
   20 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES
February, 2006 ??Rev. 7
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
96Kb / 3P
   Common Anode Schottky Barrier Diodes
December, 2011 ??Rev. 9
More results

Description similaire - MMBD717LT1

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MMBD717W PANJIT-MMBD717W Datasheet
126Kb / 3P
   COMMON ANODE SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAS40-06LT1 ONSEMI-BAS40-06LT1 Datasheet
52Kb / 3P
   Common Anode Schottky Barrier Diodes
March, 2006 ??Rev. 6
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
96Kb / 3P
   Common Anode Schottky Barrier Diodes
December, 2011 ??Rev. 9
BAS40-06LT1G ONSEMI-BAS40-06LT1G Datasheet
78Kb / 3P
   Common Anode Schottky Barrier Diodes
October, 2016 ??Rev. 9
MMBD717LT1 ONSEMI-MMBD717LT1 Datasheet
57Kb / 8P
   Common Anode Schottky Barrier Diodes
November, 2001 ??Rev. 6
SBAS40-06LT1G ONSEMI-SBAS40-06LT1G Datasheet
127Kb / 3P
   Common Anode Schottky Common Anode Schottky
November, 2011 ??Rev. 8
logo
Thinki Semiconductor Co...
MBR1045CA THINKISEMI-MBR1045CA Datasheet
747Kb / 2P
   10.0 Ampere Dual Common Anode Schottky Barrier Rectifier Diodes
MBR2045CA THINKISEMI-MBR2045CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
logo
Nihon Inter Electronics...
F10P40FR NIEC-F10P40FR Datasheet
31Kb / 2P
   FRD DUAL DIODES - ANODE COMMON
logo
Thinki Semiconductor Co...
MBR2035CA THINKISEMI-MBR2035CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com