Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53015 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS53015
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS53015 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS53015 Datasheet HTML 3Page - Texas Instruments TPS53015 Datasheet HTML 4Page - Texas Instruments TPS53015 Datasheet HTML 5Page - Texas Instruments TPS53015 Datasheet HTML 6Page - Texas Instruments TPS53015 Datasheet HTML 7Page - Texas Instruments TPS53015 Datasheet HTML 8Page - Texas Instruments TPS53015 Datasheet HTML 9Page - Texas Instruments TPS53015 Datasheet HTML 10Page - Texas Instruments TPS53015 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
(
)
IN
OUT
OUT
OUT(LL)
SW
IN
V -V
×V
1
I
=
×
2×L×f
V
TPS53015
www.ti.com
SLVSBF0B – JULY 2012 – REVISED AUGUST 2012
AUTO-SKIP Eco-Mode™ CONTROL
The TPS53015 is designed with Auto-Skip Eco-mode™ to increase light load efficiency. As the output current
decreases from heavy load condition, the inductor current is also reduced and eventually comes to point where
its rippled valley touches zero level, which is the boundary between continuous conduction and discontinuous
conduction modes. The rectifying MOSFET is turned off when its zero inductor current is detected. As the load
current further decreases the converter run into discontinuous conduction mode. The on-time is kept almost half
as is was in the continuous conduction mode because it takes longer time to discharge the output capacitor with
smaller load current to the level of the reference voltage. The transition point to the light load operation IOX(LL)
current can be calculated in Equation 1 with 500kHz used as fsw.
(1)
DRIVERS
TPS53015 contains two high-current resistive MOSFET gate drivers. The low-side driver is a PGND referenced,
VREG5 powered driver designed to drive the gate of a high-current, low RDS(on) N-channel MOSFET whose
source is connected to PGND. The high-side driver is a floating SW referenced, VBST powered driver designed
to drive the gate of a high-current, low RDS(on) N-channel MOSFET. To maintain the VBST voltage during the
high-side driver ON time, a capacitor is placed from SW to VBST. Each driver draws average current equal to
Gate Charge (Qg @ Vgs = 5V) times Switching frequency (fsw). To prevent cross-conduction, there is a narrow
dead-time when both high-side and low-side drivers are OFF between each driver transition. During this time the
inductor current is carried by one of the MOSFETs body diodes.
5-VOLT REGULATOR
The TPS53015 has an internal 5V Low-Dropout (LDO) Regulator to provide a regulated voltage for all both
drivers and the ICs internal logic. A high-quality 4.7µF or greater ceramic capacitor from VREG5 to GND is
required to stabilize the internal regulator.
SOFT START AND PRE-BIASED SOFT START
The TPS53015 has an internally set, 1.4 ms soft start time. When the EN pin becomes high and the VREG5
voltage is above the UVLO threshold, an internal DAC ramps up the reference voltage to the PWM comparator.
Smooth control of the output voltage is maintained during start up.
The TPS53015 contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than internal feedback voltage VFB), the controller slowly activates synchronous rectification by
starting the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a
cycle-by-cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter.
This scheme prevents the initial sinking of the pre-biased output, and ensures that the output voltage (VO) starts
and ramps up smoothly into regulation from pre-biased startup to normal mode operation.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS53015


Numéro de pièce similaire - TPS53015

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Description similaire - TPS53015

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com