Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51604DSGT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51604DSGT
Description  Synchronous Buck FET Driver Optimized for High-Frequency Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51604DSGT Fiches technique(HTML) 4 Page - Texas Instruments

  TPS51604DSGT Datasheet HTML 1Page - Texas Instruments TPS51604DSGT Datasheet HTML 2Page - Texas Instruments TPS51604DSGT Datasheet HTML 3Page - Texas Instruments TPS51604DSGT Datasheet HTML 4Page - Texas Instruments TPS51604DSGT Datasheet HTML 5Page - Texas Instruments TPS51604DSGT Datasheet HTML 6Page - Texas Instruments TPS51604DSGT Datasheet HTML 7Page - Texas Instruments TPS51604DSGT Datasheet HTML 8Page - Texas Instruments TPS51604DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS51604
SLUSBA6 – DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
These specifications apply for TJ = –40°C to 105°C and VDD = 5.0V unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD INPUT SUPPLY
VSKIP = VVDD or VSKIP = 0 V, PWM = High
160
600
VSKIP = VVDD or VSKIP = 0 V, PWM = Low
250
ICC
Supply current (operating)
µA
VSKIP = VVDD or VSKIP = 0 V, PWM = Float
130
VSKIP = Float
8
VDD UNDERVOLTAGE LOCKOUT (UVLO)
Rising threshold
4.15
VUVLO
UVLO threshold
V
Falling threshold
3.7
VUVHYS
UVLO hysteresis
0.2
V
PWM AND SKIP I/O SPECIFICATIONS
Pull up to VDD
1.7
M
Ω
RI
Input impedance
Pull down (to GND)
800
k
Ω
VIL
Low-level input voltage
0.6
VIH
High-level input voltage
2.65
V
VIHH
Hysteresis
0.2
VTS
Tri-state voltage
1.3
2.0
Tri-state activation time (falling)
tTHOLD(off1)
60
PWM
ns
Tri-state activation time (rising)
tTHOLD(off2)
60
PWM
Tri-state activation time (falling)
tTSKF
1
SKIP
µs
Tri-state activation time (rising)
tTSKR
1
SKIP
t3RD(PWM)
Tri-state exit time PWM
100
ns
t3RD(SKIP)
Tri-state exit time SKIP
50
µs
HIGH-SIDE GATE DRIVER (DRVH)
tR(DRVH)
Rise time
DRVH rising, CDRVH = 3.3 nF; 20% to 80%
30
ns
tRPD(DRVH)
Rise time propogation delay
CDRVH = 3.3 nF
40
ns
Source resistance, (VBST– VSW) = 5 V, high state,
RSRC
Source resistance
4
8
Ω
(VBST–VDRVH) = 0.1 V
tF(DRVH)
Fall time
DRVH falling, CDRVH = 3.3 nF
8
ns
tFPD(DRVH)
Fall-time propagation delay
CDRVH = 3.3 nF
25
ns
Sink resistance, (VBST–VSW) forced to 5 V, low state
RSNK
Sink resistance
0.5
1.6
Ω
(VDRVH–VSW) = 0.1 V
RDRVH
DRVH to SW resistance(1)
100
k
Ω
LOW-SIDE GATE DRIVER (DRVL)
tR(DRVL)
Rise time
DRVL rising, CDRVL = 3.3 nF; 20% to 80%
15
ns
tRPD(DRVL)
Rise time propogation delay
CDRVL = 3.3 nF
35
ns
Source resistance, (VVDD–GND) = 5 V, high state,
RSRC
Source resistance
1.5
3
Ω
(VVDD–VDRVL) = 0.1 V
tF(DRVL)
Fall time
DRVL falling, CDRVL = 3.3 nF
10
ns
tFPD(DRVL)
Fall-time propagation delay
CDRVL= 3.3 nF
15
ns
Sink resistance, (VVDD– GND) = 5 V, low state,
RSNK
Sink resistance
0.4
1.6
Ω
(VDRVL–GND) = 0.1 V
RDRVL
DRVL to GND resistance(1)
100
k
Ω
(1)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51604


Numéro de pièce similaire - TPS51604DSGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604QDSGRQ1 TI-TPS51604QDSGRQ1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604QDSGTQ1 TI-TPS51604QDSGTQ1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
More results

Description similaire - TPS51604DSGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
TPS59603-Q1 TI1-TPS59603-Q1 Datasheet
398Kb / 17P
[Old version datasheet]   TPS59603-Q1 Synchronous Buck FET Driver for High-Frequency CPU Core Power in Automotive Applications
logo
International Rectifier
IP2005APBF IRF-IP2005APBF Datasheet
814Kb / 18P
   High Frequency Synchronous Buck Optimized LGA Power Stage
IRF3709PBF IRF-IRF3709PBF_15 Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
logo
Texas Instruments
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
logo
Kersemi Electronic Co.,...
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com