Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22981 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS22981
Description  3.3V to 18V Thunderbolt Power Mux
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS22981 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS22981 Datasheet HTML 3Page - Texas Instruments TPS22981 Datasheet HTML 4Page - Texas Instruments TPS22981 Datasheet HTML 5Page - Texas Instruments TPS22981 Datasheet HTML 6Page - Texas Instruments TPS22981 Datasheet HTML 7Page - Texas Instruments TPS22981 Datasheet HTML 8Page - Texas Instruments TPS22981 Datasheet HTML 9Page - Texas Instruments TPS22981 Datasheet HTML 10Page - Texas Instruments TPS22981 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
connector
ENHVU
S0
V3P3OUT
V3P3
V3P3
Exposed Pad
ISET_S0
ISET_S3
ISET_V3P3
VHV
VHV
DC/DC
DC/DC
µC
R
SET_S0
R
SET_S3
R
SET_V3P3
TPS22981
www.ti.com
SLVSBM6 – DECEMBER 2012
APPLICATION INFORMATION
TYPICAL APPLICATION
Figure 3. Typical Application
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22981


Numéro de pièce similaire - TPS22981

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
TPS22981RGPR TI1-TPS22981RGPR Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
TPS22981RGPT TI1-TPS22981RGPT Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
More results

Description similaire - TPS22981

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22980 TI1-TPS22980 Datasheet
739Kb / 18P
[Old version datasheet]   3.3V TO 18V MUX with Overcurrent Limit
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
   LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com